Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS16632
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS16632 Datasheet HTML 6Page - Texas Instruments TPS16632 Datasheet HTML 7Page - Texas Instruments TPS16632 Datasheet HTML 8Page - Texas Instruments TPS16632 Datasheet HTML 9Page - Texas Instruments TPS16632 Datasheet HTML 10Page - Texas Instruments TPS16632 Datasheet HTML 11Page - Texas Instruments TPS16632 Datasheet HTML 12Page - Texas Instruments TPS16632 Datasheet HTML 13Page - Texas Instruments TPS16632 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IMON
OUT
UVLO
+
Current
Sense
4.3 V
4.2 V
+
dVdT
2 µA
PORb
UVLOb
SWEN
24x
TPS16632
14
Ÿ
PLIM
65
Ÿ
X27.7 µ
x
ILIM
1.2 V
1.14 V
Ramp Control
Q
Q
SET
CLR
S
R
SHDNb
Current Limit Amp
Fast-Trip Comp
(Threshold= 40A)
PORb
Gate Control Logic
FLT
Charge
Pump
GND
TSD
PORb
UVLOb
SHDNb
Thermal
Shutdown
SHDN
Avdd
Fault Latch
Open/ Short
detect
Avdd
+
0.8V
SHDNb
TSD
OLR
SWEN
* Only for Latch Mode
P_IN
P_IN
MODE
OLR
162 msec
timer
I(OUT) = I(OL)
Timeout
31
PŸ
5 V
Overload fault response
(Auto-Retry/Latch-off)
select detection
Avdd
Q
Q
SET
CLR
S
R
11.5 ms
10 µsec
PGOOD
65
Ÿ
Gate Enhanced
(HS_FET)
UVLOb
SHDNb
11.5 ms
10
IN
5 µA
Avdd
Gate Control Logic
10
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Functional Block Diagram (continued)
8.3 Feature Description
8.3.1 Undervoltage Lockout (UVLO)
Undervoltage comparator input. When the voltage at UVLO pin falls below V(UVLOF) during input undervoltage
fault, the internal FET quickly turns off and FLT is asserted. The UVLO comparator has a hysteresis of 60 mV.
To set the input UVLO threshold, connect a resistor divider network from IN supply to UVLO terminal to GND as
shown in the Typical Application circuit. If the Under-Voltage Lock-Out function is not needed, the UVLO terminal
must be connected to the IN terminal. UVLO terminal must not be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com