Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS16632
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS16632 Datasheet HTML 8Page - Texas Instruments TPS16632 Datasheet HTML 9Page - Texas Instruments TPS16632 Datasheet HTML 10Page - Texas Instruments TPS16632 Datasheet HTML 11Page - Texas Instruments TPS16632 Datasheet HTML 12Page - Texas Instruments TPS16632 Datasheet HTML 13Page - Texas Instruments TPS16632 Datasheet HTML 14Page - Texas Instruments TPS16632 Datasheet HTML 15Page - Texas Instruments TPS16632 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
VIN
VOUT
PGOOD
IIN
u
u
D(INRUSH)
(IN)
(INRUSH)
P
0.5 V
I
VIN
VOUT
PGOOD
IIN
12
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
CdVdT = 100 nF
COUT = 1000 µF
RILIM = 4.02 kΩ
Figure 3. Hot Plug In and Inrush Current Control at 24-V Input
8.3.3.1 Thermal Regulation Loop
The power dissipation during power up can be calculated using Equation 3.
(3)
System designs requiring to charge large output capacitors rapidly or powering up an off board load may result in
a higher PD(INRUSH) within the device causing the junction temperature to rise. Once the junction temperature
rises to T(J_REG) level, the device starts regulating the junction temperature at T(J_REG) by controlling the inrush
current profile through the device for a maximum duration of t(Treg_timeout). If the output does not charge up within
this time then the internal FET is turned OFF. Subsequent operation of the device depends on the MODE
configuration (Auto-Retry or latch OFF). This scheme ensures fast and reliable power up operation. Figure 4
illustrates performance of the device operating in thermal regulation loop during charging of a large output
capacitor.
The Thermal regulation loop gets disabled internally after the power up when the internal FET gets fully
enhanced or when the t(Treg_timeout) time is elapsed.
CdVdT = Open
COUT = 10 mF
RILIM = 4.02 kΩ
Figure 4. Thermal Regulation Loop Response During Power up with Large Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com