Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS16632
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS16632 Datasheet HTML 2Page - Texas Instruments TPS16632 Datasheet HTML 3Page - Texas Instruments TPS16632 Datasheet HTML 4Page - Texas Instruments TPS16632 Datasheet HTML 5Page - Texas Instruments TPS16632 Datasheet HTML 6Page - Texas Instruments TPS16632 Datasheet HTML 7Page - Texas Instruments TPS16632 Datasheet HTML 8Page - Texas Instruments TPS16632 Datasheet HTML 9Page - Texas Instruments TPS16632 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.5 Electrical Characteristics
–40°C
≤ TA = TJ ≤ +125°C, 4.5 V < V(IN) = V(P_IN) < 60 V, V(SHDN) = 2 V, R(ILIM) = 30 kΩ, IMON = PGOOD = FLT = OPEN, C(OUT)
= 1 μF, C(dVdT) = OPEN. (All voltages referenced to GND, (unless otherwise noted))
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
V(IN), V(P_IN)
Operating input voltage
4.5
60
V
IQ(ON)
Supply current
Enabled: V(SHDN) = 2 V
1.42
1.6
mA
IQ(OFF)
V(SHDN) = 0 V
22
53
µA
V(OVC)
Over voltage clamp
TPS16632 Only, V(IN) > 40V, I(OUT) =
1mA
36
40
V
UNDERVOLTAGE LOCKOUT (UVLO) INPUT
V(UVLOR)
UVLO threshold voltage, rising
1.176
1.2
1.224
V
V(UVLOF)
UVLO threshold voltage, falling
1.14
V
I(UVLO)
UVLO Input leakage current
0 V
≤ V(UVLO) ≤ 60 V
–100
0
100
nA
OVERVOLTAGE PROTECTION (OVP) INPUT
V(OVPR)
over-voltage threshold voltage, rising
1.176
1.2
1.224
V
V(OVPF)
over-voltage threshold voltage, falling
1.14
V
I(OVP)
OVP Input leakage current
0 V
≤ V(OVP) ≤ 4 V
–100
0
100
nA
POWER LIMITING CONTROL (PLIM) INPUT – TPS16632 ONLY
V(SEL_PLIM)
Power Limit Feature select threshold
240
mV
I(PLIM)
PLIM sourcing current
V(PLIM) = 0 V
5
µA
P(PLIM)
Max Output power
R(PLIM) = 100 kΩ
100
W
R(PLIM) = 150 kΩ
150
W
LOW IQ SHUTDOWN (SHDN) INPUT
V(SHDN)
Open circuit voltage
I(SHDN) = 0.1 µA
2.48
3.4
V
V(SHUTF)
SHDN threshold voltage for low IQ
shutdown, falling
0.8
V
V(SHUTR)
SHDN threshold rising
2
V
I(SHDN)
Leakage current
V(SHDN) = 0.4 V
–10
µA
OUTPUT RAMP CONTROL (dVdT)
I(dVdT)
dVdT charging current
V(dVdT) = 0 V
1.9
2
2.1
µA
GAIN(dVdT)
dVdT to OUT gain
V(OUT) /V(dVdT)
24
V/V
V_dVdTmax
dVdT maximum capacitor voltage
4.75
V
R(dVdT)
dVdT discharging resistance
V(SHDN) = 0 V, with I(dVdT) = 10 mA
sinking
14
Ω
CURRENT LIMIT PROGRAMMING (ILIM)
I(OL)
Over Load current limit
R(ILIM) = 30 kΩ, V(IN) – V(OUT) = 1 V
0.51
0.6
0.69
A
R(ILIM) = 9 kΩ, V(IN) – V(OUT) = 1 V
2
A
R(ILIM) = 4.02 kΩ, V(IN) – V(OUT) = 1 V
4.5
A
R(ILIM) = 3 kΩ, V(IN) – V(OUT) = 1 V
6
A
I(FASTRIP)
Fast-trip comparator threshold
2xI(OL)
A
I(SCP)
Short Circuit Protect current
40
A
CURRENT MONITOR OUTPUT (IMON)
GAIN(IMON)
Gain factor I(IMON):I(OUT)
0.6 A
≤ I(OUT) ≤ 6 A
27.7
µA/A
PASS FET OUTPUT (OUT)
RON
IN to OUT total ON resistance
0.6 A
≤ I(OUT) ≤ 6 A, –40°C ≤ TJ
+125°C
31
53
FAULT FLAG (FLT): ACTIVE LOW
R(FLT)
FLT Pull-down resistance
V(OVP) = 2 V, I(FLT) = 5 mA sinking
36
70
130
Ω
I(FLT)
FLT Input leakage current
0 V
≤ V(FLT) ≤ 60 V
–100
100
nA
POWER GOOD (PGOOD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com