Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS16632
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS16632 Datasheet HTML 9Page - Texas Instruments TPS16632 Datasheet HTML 10Page - Texas Instruments TPS16632 Datasheet HTML 11Page - Texas Instruments TPS16632 Datasheet HTML 12Page - Texas Instruments TPS16632 Datasheet HTML 13Page - Texas Instruments TPS16632 Datasheet HTML 14Page - Texas Instruments TPS16632 Datasheet HTML 15Page - Texas Instruments TPS16632 Datasheet HTML 16Page - Texas Instruments TPS16632 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
TPS16632
31
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
OVP
MODE
IMON
RIMON
PGOOD
Protected supply
To Load
4.5 V - 60 V
Load Monitor
ON/OFF Control
R2
R3
R1
COUT
CdVdT
13
TPS1663
www.ti.com
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 PGOOD
The devices feature an open drain Power good (PGOOD) indicator output. PGOOD can be used for enable and
disable of the downstream loads like DC-DC converters. PGOOD goes high when the internal FET’s gate is
enhanced. It goes low when the internal FET turns OFF during a fault event or when SHDN is pulled low. There
is a deglitch of 11.5 msec (typical) at the rising edge and falling edge. PGOOD is a rated for 60 V and can be
pulled to IN or OUT through a resistor.
8.3.5 Output Power Limiting, PLIM (TPS16632 Only)
With a fixed over current limit threshold the power limit profile increases linearly with supply input. Electrical
Industrial process control equipment such as PLC CPU needs to comply with standards like IEC61010-1 for fire
safety which require limited energy and power circuits. Limiting the output power becomes a challenge in such
high power applications where the operating supply voltage range is wide. The TPS16632 integrate adjustable
output power limiting functionality that simplifies the system design requiring compliance in accordance to this
standard.
Connect a resistor from PLIM to GND as shown in Figure 5 to program the output power limiting value. If PLIM is
connected to GND then PLIM feature is not activated and the device works normally with current limiting set by
the external RLIM resistor.
During an over power load event the TPS16632 limits the output power at the programmed value set by PLIM
resistor. This indirectly results in the device operation in current limiting mode with steady state output voltage
and current set by the load characteristics and PLIM = VOUT × IOUT. The maximum duration for the device to be in
power limiting mode is tCL(dly). Post that the device operates either in auto-retry or latch off mode based on
MODE pin configuration.
P(PLIM) = 1 x R(PLIM)
(4)
Here P(PLIM) is output power limit in watts, R(PLIM) is the power limit setting resistor in kΩ. Figure 6 illustrate output
power limiting performance of TPS16632.
Figure 5. TPS16632 Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com