Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS16632 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS16632
Description  60-V, 6-A Power Limiting eFuse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS16632 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS16632 Datasheet HTML 16Page - Texas Instruments TPS16632 Datasheet HTML 17Page - Texas Instruments TPS16632 Datasheet HTML 18Page - Texas Instruments TPS16632 Datasheet HTML 19Page - Texas Instruments TPS16632 Datasheet HTML 20Page - Texas Instruments TPS16632 Datasheet HTML 21Page - Texas Instruments TPS16632 Datasheet HTML 22Page - Texas Instruments TPS16632 Datasheet HTML 23Page - Texas Instruments TPS16632 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TPS16632
31
PŸ
IN
OUT
dVdT
ILIM
P_IN
RILIM
FLT
GND
SHDN
UVLO
PLIM
MODE
IMON
PGOOD
VIN
ON/OFF Control
COUT
VOUT
CIN
SHDNb
VOUT
PGOOD
IIN
20
TPS1663
SLVSET9A – SEPTEMBER 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: TPS1663
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Figure 16. Turn OFF using SHDN Control
9.3 System Examples
9.3.1 Simple 24-V Power Supply Path Protection
With the TPS1663x, a simple 24-V power supply path protection can be realized using a minimum of three
external components as shown in the schematic diagram in Figure 17. The external components required are: a
R(ILIM) resistor to program the current limit, C(IN) and C(OUT) capacitors.
Figure 17. TPS16630 Configured for a Simple Power Supply Path Protection
Protection features with this configuration include:
•
40 V (maximum) over voltage clamp output
•
Inrush current control with 24V/240 µs output voltage slew rate
•
Accurate current limiting with Auto-Retry
10 Power Supply Recommendations
The TPS1663x eFuse is designed for the supply voltage range of 4.5 V
≤ VIN ≤ 60 V. If the input supply is
located more than a few inches from the device, an input ceramic bypass capacitor higher than 0.1 μF is
recommended. Power supply must be rated higher than the current limit set to avoid voltage droops during
overcurrent and short circuit conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com