Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD16521 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GD16521
Description  2.5 GBIT/S RE TIMING LASER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GD16521 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Applications
Temperature Monitor
An on-chip, diode connected transistor is
used to monitor the junction temperature
in the proximity of the output stage. The
voltage at pin MTJ decreases with in-
creasing temperature, see Figure 4.
Figure 4. Temperature Monitor.
Figure 5. Voltage at pin MTJ versus
Temperature.
DC Coupling
For a compact design, pre-bias and mod-
ulation current can be DC coupled. DC
coupling is appropriate when connections
between laser driver and laser diode are
kept short (with low inductance) as
achieved, e.g. by flip-chip mounting of
the two dice in close proximity, see
Figure 10 on page 5. The GD16521 is
optimized for this configuration.
AC Coupling
AC coupling is recommended for the
packaged version, in particular when the
output is connected to the laser diode
through a transmission line, see Figure 6.
Figure 6. AC coupled output.
Duty Cycle Adjustment
The “on-time” of the laser current (IM-pin)
can be increased up to 20% by control-
ling the voltage at the Duty input. In the
configuration in Figure 7, a smaller R re-
sults in a longer on-time. The duty cycle
adjustment can be monitored using the
Mark/Space monitor outputs (MARKP/
MARKN), see Figure 8.
Figure 7. Duty cycle adjustment with an
external resistor.
Figure 8. MARKP/MARKN outputs.
Laser Diode Slope Efficiency
Compensation
The pre-bias control loop may be used to
make a simple compensation for
changes in the slope efficiency of a laser
diode, in order to maintain a constant ex-
tinction ratio. Typically the slope effi-
ciency of the laser diode is inversely
proportional to the threshold current, as
shown in Figure 9 below. Therefore the
pre-bias monitor current will compensate
changes in the threshold current of the
laser diode if it is added to the reference
voltage on pin IMC at a ratio. This ratio
may be chosen individually for the spe-
cific laser diode and is set by an external
R as shown in Figure 3 on page 3.
Thereby the extinction ratio may be
maintained at a constant ratio. The varia-
tion of the pre-bias monitor current com-
pared to the pre-bias current is only
+/-1% over temperature and supply, en-
suring that the performance is not sacri-
ficed by changes in this ratio.
Figure 9. Laser diode characteristics
Data Sheet Rev.: 11
GD16521
Page 4 of 13
VCC
VEE
MTJ
2k
TEMP
0
50
100
-30
130
0. 80V
0. 90V
1. 00V
0. 75V
L1
220uH
L3
220uH
L2
IMB
IM
IB
L4
L
100nF
100nF
25W
25W
VCC
VCC
VCC
VCC
VCC
VCC
VEE
VEE
1k
R
VEE
DUTY
100nF
MARKP
MARKP
PO
IL
L1 and L3 = Siemens Chip
Inductors (B82432A1224K).
L2 and L4 = Siemens ferrite
cores B64290-A36-X33 with
8 turns of 0.22mm Cu-Wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com