Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD16521 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GD16521
Description  2.5 GBIT/S RE TIMING LASER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GD16521 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 9Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 10Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 11Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 12Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AC Characteristics
TCASE = -40 °Cto+95 °C, appropriate heat sinking may be required, for package parts. Device is AC-tested in the temperature
range 0 °Cto85 °C, specifications from -40 °Cto+95 °C are guaranteed by design.
TDIE BACK = -30 °C to +100 °C, appropriate heat sinking may be required, for dies. Die is not AC-tested. Specifications are
guaranteed by design.
Figure 12.LDD Output Definition.
Symbol:
Characteristic:
Conditions:
MIN.:
TYP.:
MAX.:
UNIT:
fMAX OUT
Data Output Frequency
2500
Mbit/s
Jpp IM
IM Output Pattern Jitter
Note 1, 2
0.06
UIPP
tRISE IM
IM Output Rise Time (20 - 80 %)
Note 1
100
ps
tFALL IM
IM Output Fall Time (80 - 20 %)
Note 1
100
ps
Drange
Duty Adjustable Range
0
+20
%
tS
Data Set-up Time
60
ps
tH
Data Hold Time
60
ps
Target Specifications for Optical Output
Symbol:
Characteristic:
Conditions:
MIN.:
TYP.:
MAX.:
UNIT:
Jpp IM
IM Output Pattern Jitter
Note 3, 2
0.06
UIPP
tRISE IM
IM Output Rise Time (20 - 80 %)
Note 3
100
ps
tFALL IM
IM Output Fall Time (80 - 20 %)
Note 3
100
ps
h1/H
Ringing, See figure
Note 3
-
%
h2/H
Ringing, See figure
Note 3
12
%
h3/H
Ringing, See figure
Note 3
7
%
h4/H
Ringing, See figure
Note 3
7
%
h5/H
Ringing, See figure
Note 3
15
%
h6/H
Ringing, See figure
Note 3
-
%
hx/H
Crosspoint, See figure
Note 3
45
55
%
Note 1: RLOAD =25 W to VCC connected to pin IM. ILD = 50 mA. Rise/Fall times at 20 – 80 % of HI/LO voltage levels. IMB con-
nected to VCC.
Note 2: Added jitter. Measured as a peak-peak jitter value on a sampling oscilloscope in 60 s period. Measured with the data re-
timing enabled, and using the retiming clock signal as trigger for the oscilloscope.
Note 3: Load is equivalent circuit of LD module, see Figure 10 on page 5 . Input signal is PN23 (223 -1 PRBS). Measured on the
optical output of LD module. These specs are target specs.
Data Sheet Rev.: 11
GD16521
Page 11 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com