Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD16521 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GD16521
Description  2.5 GBIT/S RE TIMING LASER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GD16521 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Figure 10.LD Equivalent circuit for simulating of DC coupled flip chip mounted laser driver and laser diode. The capacitors and
inductors represent paratisiv elements of the connections. Best performance is achieved with chipR=10 W in bias.
Data Sheet Rev.: 11
GD16521
Page 5 of 13
IM
IB
*2
*3
VCC
IMB
chipR(0~50ohm)
chip R
(0~15ohm)
chipC(0~0.1 uF)
note1 : Chip component constants mean available range.
This circuit is applied to all temperature range.
note2 : on-chip stray elements
note3 : on-chip R, if necessary
chip R equivalent circuit
0.1 nH
0.1 nH
0.6 nH
0.3 nH
0.7 nH
6 ohm 1.0 V
0.1 nH
0.05 pF
LDD IC
LDD
0.05 pF
0.02 pF
0.02 pF
0.10 pF
0.02 pF
3pF
0.10 pF
0.05 pF
0.04 pF
0.02 pF
R
0.04 pF
chip C equivalent circuit
0.04 pF
C
0.1 ohm
0.01 nH
0.04 pF
0.1 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com