Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD16521 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GD16521
Description  2.5 GBIT/S RE TIMING LASER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GD16521 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 9Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 10Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 11Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 12Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DC Characteristics
TCASE = -40 °Cto+95 °C, appropriate heat sinking may be required, for package parts. Device is DC-tested in the temperature
range 0 °Cto85 °C, specifications from -40 °Cto95 °C are guaranteed by design.
TDIE BACK = -30 °C to +100 °C, appropriate heat sinking may be required, for dies. Die is DC-tested at the temperature 85 °C, specifi-
cations from -30 °C to +100 °C are guaranteed by design.
All voltages in table are referred to VEE. All input signal and power currents in table are defined positive into of the pin. All output
signal currents in table are defined positive out of the pin.
Symbol:
Characteristic:
Conditions:
MIN.:
TYP.:
MAX.:
UNIT:
VCC
Power Supply
+2.97
+3.3
+3.6
V
ICC
Supply Current
IIM/IMB =0A,
IIB =0A
-170
-125
-110
mA
PDISS
Power Dissipation
VCC = 3.3 V,
IIM/IMB =0A,
IIB =0A
410
mW
VDiff CML IN
CML input voltage swing.
Note 4
300
800
mV
VCM CML IN
Common mode voltage for CML input.
Note 4
1.8
VCC - 0.5
V
ZIN CML
CML input impendance
35
50
65
W
IHI CML IN
CML input HI current
Note 3
10
mA
ILO CML IN
CML input LO current
Note 3
-10
mA
V IMSET
Voltage Range for IMSET
0
VCC
V
V IMM/IMC
Voltage Range IMM and IMC
2.5
VCC
V
V PD/OPSET
Voltage Rang PD and OPSET
2.5
VCC
V
ISINK IMM
Sink Current into pin IMM
-4
mA
ISINK IMB
Sink Current into pin IMB
-8
mA
D ABSIM/IMM
Absolute Modulation current monitor deviation
from IIM /20
-5
5
%
D RELIB/IBM
Relative Modulation current monitor error over
temperature, supply voltage, and modulation
current
TCASE = -10 °Cto
+95 °C
TCASE = -40 °Cto
+95 °C
-2
-3
2
3
%
%
D ABSIB/IBM
Absolute Pre-bias current monitor deviation
from IIB /20
-4
4
%
D RELIB/IBM
Relative Pre-bias current monitor error over
temperature, supply voltage, and bias current
IIBM / IIM
-2
2
%
VIN IBSET
Input Voltage Range for IBSET
0
VCC
V
VIN DUTY
Input Voltage Range for DUTY
0
VCC /2
V
RIN DUTY
Input impedance for DUTY
1
TBD
kW
VHI LVTTL
Input High Voltage for FFSET and SHDW
2
VCC
V
VLO LVTTL
Input Low Voltage for FFSET and SHDW
0
0.8
V
IHI LVTTL
Input High Current for FFSET and SHDW
50
m
A
ILO LVTTL
Input Low Current for FFSET and SHDW
-500
m
A
VO IB
IB Output Voltage
VEE +1
VEE +5
V
I IB
IB Current
-
100
0
mA
ISD IB
IB Current shutdown mode
SHDW = “1"
-
25
m
A
VO IM
IM Output Voltage
VEE +1
VEE +5
V
IMod,HI IM
IM High Modulation Current
Note 2
-
70
0
mA
IMod,LO IM
IM Low Modulation Current
Note 1
-
31
mA
ISD IM
IM Current shutdown mode
SHDW = “1"
-
25
m
A
Data Sheet Rev.: 11
GD16521
Page 9 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com