Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD16521 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GD16521
Description  2.5 GBIT/S RE TIMING LASER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GD16521 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 9Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 10Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 11Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Maximum Ratings
These are the limits beyond which the component may be damaged.
All voltages in table are referred to VEE.
All currents in table are defined positive out of the pin.
Symbol:
Characteristic:
Conditions:
MIN.:
TYP.:
MAX.:
UNIT:
Vcc
Power Supply
-0.5
6
V
VO
Applied Voltage (All Outputs)
-0.5
6
V
VI
Applied Voltage (All Inputs)
-0.5
VCC + 0.5
V
II CML IN
Input Current
-15
15
mA
TO
Operating Temperature
Junction
-40
+125
°
C
TS
Storage Temperature
-65
+150
°
C
VI/O ESD
Static Discharge (CML, LVTTL, ANL and PWR) Note 1, 2
500
V
Note 1: Human body model (100 pF, 1500 W) MIL883 std.
Note 2: The pins IM and IMB have no ESD protection.
Data Sheet Rev.: 11
GD16521
Page 8 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com