Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD16521 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GD16521
Description  2.5 GBIT/S RE TIMING LASER DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GD16521 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GD16521 Datasheet HTML 1Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 2Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 3Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD16521 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The GD16521 is a high performance low
power 2.5 Gbit/s Laser Driver with
optional on chip re-timing of data.
The GD16521 is designed to meet and
exceed ITU-T STM-16 and SONET
OC-48 fiberoptic communication systems
requirements.
The GD16521 is designed to sink a Mod-
ulation Current into the IM pin and a
Pre-Bias Current into the IB pin. The
Modulation Current is adjustable up to
50 mA and the Pre-Bias Current is ad-
justable up to 100 mA. The device fea-
tures two control loops for stabilizing the
laser diode operating conditions. An au-
tomatic optical power control loop main-
tains a constant average optical power
out of the laser diode, independent of
changes in the threshold current of the
laser diode. A modulation current control
loop maintains a constant modulation
current for the laser diode, or alterna-
tively maintains a constant extinction ra-
tio of the laser diode.
Re-timing of the data signal connected to
the pins SDIP/SDIN is made by means of
a DFF-clocked by an external clock sig-
nal at the data rate fed to the pins SCIP/
SCIN.
The GD16521 requires a single +3.3 V
supply.
The circuit is available as:
u
48 lead7×7mm TQFP power
enhanced plastic package
u
die.
an Intel company
Data Sheet Rev.: 11
Preliminary
Features
l
Differential CML data and clock
inputs with internal 50 W load termi-
nation.
l
Selectable on chip retiming-FF.
l
Output modulation current pulse duty
width adjustable
(Compensates for LD emission delay)
l
Modulation/Bias current monitor
output.
l
Modulation/Bias current shutdown
input.
l
Single supply operation: +3.3 V.
l
Power dissipation: 410 mW (typ.).
l
Available as:
– 48lead7×7mm TQFP power
enhanced plastic package
– die
Applications
l
Tele Communication:
– SDH STM-16 modules
– SONET OC-48 modules
l
Data Communication.
l
Electro Absorption laser driver.
l
Direct Modulation laser driver.
2.5 Gbit/s
Re-timing
Laser Driver
GD16521
PD
AR
IB
IBM
IM
DUTY
FFSET
SHDW
MARKN
SDlP
TDlN
TDlP
SClP
SDlN
SClN
TClP
TClN
IMC
IMM
IMSET
MARKP
1/20
DFF
SEL
Duty
Adjust
Mark/Space
Monitor
1/20
IBSET
OPSET
VCC
VCCCONT
VCCCM
VCCR
VEE
VEER
MTJ
IMB
-
+
+-


Similar Part No. - GD16521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
GD16571-32BA ETC-GD16571-32BA Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
More results

Similar Description - GD16521

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
TelecomBus Serializer for 2.5 Gbit/s Interconnect
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
Eudyna Devices Inc
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
logo
Semtech Corporation
GS3241 SEMTECH-GS3241 Datasheet
4Mb / 108P
3G-SDI Re-timing Adaptive Cable Equalizer
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
3G-SDI Re-timing Cable Driver
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
12G UHD-SDI Re-timing Cable Driver
logo
List of Unclassifed Man...
CX60077 ETC-CX60077 Datasheet
154Kb / 14P
2.5 Gbps Long Haul Laser Driver
Rev. 2d, 10/26/00.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com