Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4108 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4108
Description  Max.2A Li-ion Switching Charger IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4108 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4108 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE4108
Max.2A Li-ion Switching Charger IC
VER 1.1
2
Typical Application
Note:Device parameter should be select as typical application
Ordering information
ACE4108 XX XX + H
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
16V
Max Operating Junction Temperature(Tj)
125℃
Ambient Temperature(Ta)
-40℃
– 85℃
Storage Temperature(Ts)
-55 ℃- 150℃
Lead Temperature & Time
260℃, 10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Recommended Work Conditions
Item
Value
Input Voltage Range
Max. 16V
Operating Junction Temperature (TJ)
-40℃
– 85℃
ACE4108
NC12: DFN3*3-12
Pb - free
Halogen - free
42:4.2V
435:4.35V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com