Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4108 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE4108
Description  Max.2A Li-ion Switching Charger IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4108 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE4108 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ACE4108
Max.2A Li-ion Switching Charger IC
VER 1.1
7
Detailed Description
General description
The ACE4108 is a constant current, constant voltage Li-Ion battery switching charger controller. The
charge current is set by an external sense resistor (R
ISET) across the ISET and GND pins. The final battery
float voltage is internally set to 4.2V/4.35V per cell. For batteries like lithium-ion that require accurate final
float voltage, the internal reference, voltage amplifier and the resistor divider provide regulation with
±1.5% accuracy.
A charge cycle begins when the voltage at the CHRIN pin rises above the UVLO level and is 250mV
or greater than the battery voltage. At the beginning of the charge cycle, if the battery voltage is less than
the trickle charge threshold, 2.9V for the 4.2 version, the charger goes into trickle charge mode. The
trickle charge current is internally set to 10% of the full-scale current. The charge current is programmable
by setting the value of a precision resistor connected from the ISET pin to ground. The charge current is
1000 times of the current out of the ISET pin. The program resistor and the charge current are calculated
using the following equations:
The charge current out of the BAT pin can be determined at any time by monitoring the ISET pin voltage
using the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com