Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4108 Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE4108
Description  Max.2A Li-ion Switching Charger IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4108 Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE4108 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACE4108
Max.2A Li-ion Switching Charger IC
VER 1.1
8
When the battery voltage approaches the programmed float voltage, the charge current
will start to
decrease. It terminates the charge cycle when the charge current falls to 10% of the full-scale value after
the final float voltage is reached. When the ISET pin voltage falls below 100mV for longer than tTERM
(typically 1ms), charging is terminated. The charge current is latched off and the ACE4108 enters standby
mode, where the input supply current drops to 200μA. (Note: C/10 termination is disabled in trickle
charging and thermal limiting modes).
Manual Shutdown
Floating the ISET pin by removing the resistor from ISET pin to ground can put the device in shutdown
mode. The battery drain current is thus reduced to less than 5μA and the supply current to less than 50μA.
Reconnecting the resistor back will restart a new charge cycle.
Once manually shutdown, the CHRG pin is in a weak pull-down state if VIN is above UVLO voltage. The
CHRG pin is in a high impedance state if the ACE4108 is in under
voltage lockout mode.
Automatic Recharge
After the termination of the charge cycle, the ACE4108 constantly monitors the BAT pin voltage
and
starts a new charge cycle when the battery voltage falls below 4.05V, keeping the battery at fully charged
condition. CHRG output enters a strong pull-down state during recharge cycles.
Inductor Selection
The peak-to-peak ripple is limited to 30% of the maximum output current. This places the peak current
far enough from the minimum over current trip level to ensure reliable operation while providing enough
current ripples for the current mode converter to operate stably. In this case, for 2A maximum output
current, the maximum inductor ripple current is 667 mA. The inductor size is estimated as following
equation:
Layout Considerations
C
IN must be close to Pins VIN and GND, the loop area formed by CIN and GND must be minimized.
Place CCHRIN as close to Pins CHRIN and GND. The PCB copper area associated with SW pin must be
minimized to avoid the potential noise problem. FB Resistors and the traces connecting to the FB pin
must not adjacent to the SW net on the PCB layout to avoid the noise problem. ISET resistor must be as
far away with the SW net as possible. The thermal pad under the IC must be tied to the ground area on
the top layer, and use via to connect this ground area to any internal ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com