Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4108 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4108
Description  Max.2A Li-ion Switching Charger IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4108 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4108 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ACE4108
Max.2A Li-ion Switching Charger IC
VER 1.1
1
Description
The ACE4108 is a 2A Li-Ion battery switching charger intended for 12V. Low power dissipation, an
internal MOSFET and its compact package with minimum external components requirement makes the
ACE4108 ideal for portable applications. The ACE4108 includes complete charge termination circuitry,
automatic recharge and a ±1.5% 4.2V/4.35V float voltage.
External sense resistor and Reverse diode is not need. Build-in thermal feedback mechanism regulates
the charge current to control the die temperature during high power operation or at elevated ambient
temperature.
Battery charge current, charge timeout and end- of-charge indication parameters can program by external
components. Additional features include shorted cell detection and overvoltage protection.
Features
Very Low Power Dissipation
2A Maximum Charge Current
Standalone Capability with no
Requirement of External MOSFET, Sense Resistor or Blocking
Diode
Constant-Current/Constant-Voltage Operation with Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from USB Port
Drainage Charge Current Thermal Regulation Status Outputs for LED or System Interface
Preset 4.2V/4.35V float Voltage with ±1.5% Accuracy
Automatic Recharge
Available in DFN3x3-12 Package
RoHS Compliant and 100% Lead (Pb)-Free
Application
Cellular Telephones, PDA, MP3 Players
Charging Docks and Cradles
Handheld Battery-Powered Devices
Handheld Computers


Similar Part No. - ACE4108

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4101 ACE-ACE4101 Datasheet
842Kb / 9P
Max. 1.6A Li-ion Switching Charger IC
VER 1.4
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
More results

Similar Description - ACE4108

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
SHANGHAI BELLING CO., L...
BL8578 BELLING-BL8578 Datasheet
677Kb / 7P
Max.1.6A Li-ion Switching Charger IC
logo
ACE Technology Co., LTD...
ACE4101 ACE-ACE4101 Datasheet
842Kb / 9P
Max. 1.6A Li-ion Switching Charger IC
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8578 BELLING-BL8578_16 Datasheet
1Mb / 6P
Max.2A Li-ion Switching Charger IC
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
logo
AiT Semiconductor Inc.
A4063 AITSEMI-A4063 Datasheet
366Kb / 10P
BATTERY MANAGEMENT 2A 1.5MHz SINGLE Li-ion SWITCHING CHARGER IC
REV4.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com