Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4108 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4108
Description  Max.2A Li-ion Switching Charger IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4108 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4108 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ACE4108
Max.2A Li-ion Switching Charger IC
VER 1.1
3
Packaging Type
DFN3*3-12
PIN#
Name
Description
1
CHRIN
Power Path Output Voltage.
2
BAT
Battery Charger Output Terminal. Connect a 10μF ceramic chip capacitor between BAT
and GND to keep the ripple voltage small.
3
EN
Enable Input Pin. Pulling the EN pin low places the ACE4108 into a low power state where
the BAT drain current drops to less than 3μA and the supply current is reduced to less
than 50μA. For normal operation, pull the pin high.
4、10
GND
Ground.
5
VIN
Positive Supply Voltage Input. This pin connects to the power devices inside the chip. VIN
ranges from 5V to 16V for normal operation. Operation down to the under-voltage lockout
threshold is allowed wi
th current limited wall adapters. Decouple with a 22μF or larger
surface mounted ceramic capacitor.
6
FB
Battery Feedback Voltage.
7
BST
Boostrap. A capacitor connected between SW and BST pins is required to form a floating
supply across the high-side switch driver.
8
SW
Switch Node Connection. This pin connects to the drains of the internal main and
synchronous power MOSFET switches. Connect to external inductor.
9
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled
low by an internal N-channel MOSFET. When the charge cycle is completed, When the
ACE4108 detects an under voltage lockout condition, CHRG is forced high impedance.
11
Ctrl
Sense Feedback Voltage Pin.
12
ISET
Charge Current Program, Monitor the charge current and Shutdown. This pin set to 1V in
constant-current mode. The charge current is programmed by connecting a 1% resistor,
RISET, to GND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com