Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4108 Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE4108
Description  Max.2A Li-ion Switching Charger IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4108 Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE4108 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4108 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE4108
Max.2A Li-ion Switching Charger IC
VER 1.1
4
Electrical Characteristics (VDD=5V,TA=25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Voltage Range
V
IN
4.5
16
V
Input Supply
Current
I
CHRIN
Charge Mode, R
ISET = 10k, Standby
Mode (Charge Terminated)(Note)
300
2000
uA
Shutdown Mode (R
ISET Not
Connected)
200
500
V
CHRIN < VBAT, or VCHRIN < VUV)
30
50
Regulated Output
(Float) Voltage
V
FLOAT
0°C ≤ TA ≤ 85°C, I
BAT = 40mA
4.14
4.2
4.26
V
4.285
4.35
4.415
BAT Pin Current
I
BAT
R
ISET = 1.8k, R2=100k, R3=75k,
Current Mode
450
500
550
mA
R
ISET = 0.41k, R2=110k, R3=75k,
Current Mode
1.44
1.6
1.76
A
R
ISET = 0.33k, R2=120k, R3=75k,
Current Mode
1.8
2.
2.2
A
Standby Mode, V
BAT = 4.2V
Shutdown Mode (R
ISET Not Connected) Sleep
Mode, V
CHRIN = 0V
0
-2.5
1
1
-6
5
5
uA
Trickle Charge
Current
I
TRIKL
V
BAT < VTRIKL, RISET = 2k
20
45
70
mA
Trickle Charge
Threshold Voltage
V
TRIKL
R
ISET = 10k, VBAT Rising
2.8
2.9
3.0
V
Trickle Charge
Hysteresis
Voltage
V
TRHYS
R
ISET = 10k
60
85
110
mV
ISET Pin Voltage
V
ISET
R
ISET = 10k, Current Mode
0.93
1
1.07
V
CHRG Pin Output
Low Voltage
V
CHRG
I
CHRG = 5mA
0.315
0.6
V
Recharge Battery
Threshold Voltage
ΔV
RECHRG
V
FLOAT - VRECHRG
100
160
200
mV
Note :
Supply current includes ISET pin current (approximately 100μA) but does not include any current delivered to the battery
through the BAT pin (approximately 100mA).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com