Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM Datasheet(PDF) 28 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 28 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 24Page - SPANSION MBM29PL64LM Datasheet HTML 25Page - SPANSION MBM29PL64LM Datasheet HTML 26Page - SPANSION MBM29PL64LM Datasheet HTML 27Page - SPANSION MBM29PL64LM Datasheet HTML 28Page - SPANSION MBM29PL64LM Datasheet HTML 29Page - SPANSION MBM29PL64LM Datasheet HTML 30Page - SPANSION MBM29PL64LM Datasheet HTML 31Page - SPANSION MBM29PL64LM Datasheet HTML 32Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
MBM29PL64LM90/10
27
Extended Sector Group Protection
In addition to normal sector group protection, the device has Extended Sector Group Protection as extended
function. This function enables protection of the sector group by forcing VID on RESET pin and writes a command
sequence. Unlike conventional procedures, it is not necessary to force VID and control timing for control pins.
The only RESET pin requires VID for sector group protection in this mode. The extended sector group protection
requires VID on RESET pin. With this condition, the operation is initiated by writing the set-up command (60h)
into the command register. Then the sector group addresses pins (A21, A20, A19, A18, A17, A16 and A15) and (A6,
A3, A2, A1, A0) = (0, 0, 0, 1, 0) should be set to the sector group to be protected (set VIL for the other addresses
pins is recommended), and write extended sector group protection command (60h). A sector group is typically
protected in 250
µs. To verify programming of the protection circuitry, the sector group addresses pins (A21, A20,
A19, A18, A17, A16 and A15) and (A6, A3, A2, A1, A0) = (0, 0, 0, 1, 0) should be set and write a command (40h).
Following the command write, a logical “1” at device output DQ0 will produce for protected sector in the read
operation. If the output data is logical “0”, write the extended sector group protection command (60h) again. To
terminate the operation, set RESET pin to VIH. (Refer to the “Extended Sector Group Protection Timing Diagram”
in sTIMING DIAGRAM and “Extended Sector Group Protection Algorithm” in sFLOW CHART.)
Query Command (CFI : Common Flash Memory Interface)
The CFI (Common Flash Memory Interface) specification outlines device and host system software interrogation
handshake which allows specific vendor-specified software algorithms to be used for entire families of devices.
This allows device-independent, JEDEC ID-independent, and forward-and backward-compatible software sup-
port for the specified flash device families. Refer to CFI specification in detail.
The operation is initiated by writing the query command (98h) into the command register. Following the command
write, a read cycle from specific address retrieves device information. Please note that output data of upper byte
(DQ15 to DQ8) is “0”. Refer to the CFI code table. To terminate operation, it is necessary to write the Reset
command sequence into the register. (See “Common Flash Memory Interface Code” in sDEVICE BUS OPER-
ATION.)
HiddenROM Mode
(1) HiddenROM Region
The HiddenROM (HiddenROM) feature provides a Flash memory region that the system may access through
a new command sequence. This is primarily intended for customers who wish to use an Electronic Serial Number
(ESN) in the device with the ESN protected against modification. Once the HiddenROM region is protected, any
further modification of that region is impossible. This ensures the security of the ESN once the product is shipped
to the field.
The HiddenROM region is 256 bytes / 128 words in length. After the system writes the HiddenROM Entry
command sequence, it may read the HiddenROM region by using device addresses A6 to A0 (A21 to A15 are all
“0”). That is, the device sends only program command that would normally be sent to the address to the
HiddenROM region. This mode of operation continues until the system issues the Exit HiddenROM command
sequence, or until power is removed from the device. On power-up, or following a hardware reset, the device
reverts to sending commands to the address.
If you request Fujitsu to program the ESN in the device, please contact a Fujitsu representative for more infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com