Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM Datasheet(PDF) 35 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 35 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 31Page - SPANSION MBM29PL64LM Datasheet HTML 32Page - SPANSION MBM29PL64LM Datasheet HTML 33Page - SPANSION MBM29PL64LM Datasheet HTML 34Page - SPANSION MBM29PL64LM Datasheet HTML 35Page - SPANSION MBM29PL64LM Datasheet HTML 36Page - SPANSION MBM29PL64LM Datasheet HTML 37Page - SPANSION MBM29PL64LM Datasheet HTML 38Page - SPANSION MBM29PL64LM Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
MBM29PL64LM90/10
34
s
s
s
s ABSOLUTE MAXIMUM RATINGS
*1 : Voltage is defined on the basis of VSS = GND = 0 V.
*2 : Minimum DC voltage on input or I/O pins is –0.5 V. During voltage transitions, input or I/O pins may undershoot
VSS to –0.2 V for periods of up to 20 ns. Maximum DC voltage on input or I/O pins is VCC +0.5 V. During voltage
transitions, input or I/O pins may overshoot to VCC +2.0 V for periods of up to 20 ns
*3 : Minimum DC input voltage is –0.5 V. During voltage transitions, these pins may undershoot VSS to –0.2 V for
periods of up to 20 ns.Voltage difference between input and supply voltage ( VIN–VCC) dose not exceed to
+9.0 V. Maximum DC input voltage is +12.5 V which may overshoot to +14.0 V for periods of up to 20 ns .
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING RANGES*1
*1 : Operating ranges define those limits between which the functionality of the device is guaranteed.
*2 : Voltage is defined on the basis of VSS = GND = 0 V.
*3 : VCC and VCCQ supply voltage must be on the same level.
*4 : VCCQ supply voltage is only for MBM29PL64LMxxPCN : 56 pin TSOP
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with Power Applied
TA
–20
+85
°C
Voltage with Respect to Ground All Pins Except
A9, OE, and RESET *1,*2
VIN, VOUT
–0.5
VCC +0.5
V
Power Supply Voltage *1
VCC
–0.5
+4.0
V
A9, OE, and RESET *1,*3
VIN
–0.5
+12.5
V
WP/ACC *1,*3
VACC
–0.5
+12.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
90
TA
–20
+70
°C
10
–20
+85
VCC Supply Voltage *2, *3
VCC
+3.0
+3.6
V
VCCQ Supply Voltage *2, *3 *4
VCCQ
VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com