Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM Datasheet(PDF) 11 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 7Page - SPANSION MBM29PL64LM Datasheet HTML 8Page - SPANSION MBM29PL64LM Datasheet HTML 9Page - SPANSION MBM29PL64LM Datasheet HTML 10Page - SPANSION MBM29PL64LM Datasheet HTML 11Page - SPANSION MBM29PL64LM Datasheet HTML 12Page - SPANSION MBM29PL64LM Datasheet HTML 13Page - SPANSION MBM29PL64LM Datasheet HTML 14Page - SPANSION MBM29PL64LM Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
MBM29PL64LM90/10
10
MBM29PL64LM Standard Command Definitions*1
(Continued)
Command
Sequence
Bus
Write
Cycles
Req'd
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write
Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr Data Addr
Data
Addr Data
Addr
Data
Addr Data Addr Data
Reset*2
Word/
Byte
1
XXXh
F0h
—
—
——
—
—
—
———
Reset*2
Word
3
555h
AAh
2AAh
55h
555h
F0h
RA
*13 RD*13
—
———
Byte
AAAh
555h
AAAh
Autoselect
(Device ID)
Word
3
555h
AAh
2AAh
55h
555h
90h
00h
*13 04h*13
—
———
Byte
AAAh
555h
AAAh
Program
Word
4
555h
AAh 2AAh
55h
555h
A0h
PA
PD
—
—
—
—
Chip Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
Byte
AAAh
555h
AAAh
AAAh
555h
AAAh
Sector Erase
Word
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
SA
30h
Byte
AAAh
555h
AAAh
AAAh
555h
Program/Erase Suspend*3
1
XXXh B0h
—
—
——
—
—
—
———
Program/Erase Resume*3
1
XXXh
30h
—
—
——
—
—
—
———
Set to Fast Mode*4
Word
3
555h
AAh
2AAh
55h
555h
20h
—
—
—
———
Byte
AAAh
555h
AAAh
Fast Program*4
Word
2
XXXh A0h
PA
PD
—
—
—
—
—
—
—
—
Reset from Fast
Mode*5
Word/
Byte
2
XXXh
90h
XXXh 00h
*12
——
—
—
—
———
Write to Buffer
Word
20
555h
AAh
2AAh
55h
SA
25h
SA
0Fh
PA
PD
WBL
PD
Byte
AAAh
555h
Program Buffer to Flash
(Confirm)
1
SA
29h
—
—
—
—
—
—
—
———
Write to Buffer Abort
Reset*6
Word
3
555h
AAh
2AAh
55h
555h
F0h
—
—
—
———
Byte
AAAh
555h
AAAh
Extended Sector
Group Protection
*7,*8
Word
4
XXXh
60h
SGA
60h
SGA
40h
SGA
*13
SD
*13
—
———
Byte
Query*9
Word
1
55h
98h
—
—
—
—
—
—
—
———
Byte
AAh
HiddenROM
Entry*10
Word
3
555h
AAh
2AAh
55h
555h
88h
—
—
—
———
Byte
AAAh
555h
AAAh
HiddenROM
Program *10,*11
Word
4
555h
AAh
2AAh
55h
555h
A0h
PA
PD
—
———
Byte
AAAh
555h
AAAh
HiddenROM Exit*11
Word
4
555h
AAh
2AAh
55h
555h
90h
XXXh
00h
—
—
—
—
Byte
AAAh
555h
AAAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com