Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM Datasheet(PDF) 25 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 25 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 21Page - SPANSION MBM29PL64LM Datasheet HTML 22Page - SPANSION MBM29PL64LM Datasheet HTML 23Page - SPANSION MBM29PL64LM Datasheet HTML 24Page - SPANSION MBM29PL64LM Datasheet HTML 25Page - SPANSION MBM29PL64LM Datasheet HTML 26Page - SPANSION MBM29PL64LM Datasheet HTML 27Page - SPANSION MBM29PL64LM Datasheet HTML 28Page - SPANSION MBM29PL64LM Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
MBM29PL64LM90/10
24
Programming is allowed in any address sequence and across sector boundaries. Beware that a data “0” cannot
be programmed back to a “1”. Attempting to do so may result in either failure condition or an apparent success
according to the data polling algorithm. But a read from Reset mode will show that the data is still “0”. Only erase
operations can convert “0”s to “1”s.
Note that attempting to program a “1” over a “0” will result in programming failure. This precaution is the same
with Fujitsu standard NOR devices. “Embedded ProgramTM Algorithm” in sFLOW CHART illustrates the Em-
bedded ProgramTM Algorithm using typical command strings and bus operations.
Program Suspend/Resume
The Program Suspend command allows the system to interrupt a program operation so that data can be read
from any address. Writing the Program Suspend command (B0h) during Embedded Program operation imme-
diately suspends the programming. Refer to "Erase Suspend/Resume" for the detail.
When the Program Suspend command is written during a programming process, the device halts the program
operation within 1us and updates the status bits.After the program operation has been suspended, the system
can read data from any address. The data at program-suspended address is not valid. Normal read timing and
command definitions apply.
After the Program Resume command (30h) is written, the device reverts to programming. The system can
determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard program
operation. See "Write Operation Status" for more information. When issuing program suspend command in
4
µs after issuing program command, determine the status of program operation by reading status bit at more
4
µs after issuing program resume command.
The system also writes the Autoselect command sequence in the Program Suspend mode. The device allows
reading Autoselect codes at the addresses within programming sectors, since the codes are not stored in the
memory. When the device exits the Autoselect mode, the device reverts to the Program Suspend mode, and is
ready for another valid operation. See "Autoselect Command Sequence" for more information.
The system must write the Program Resume command to exit from the Program Suspend mode and continue
the programming operation. Further writes of the Resume command are ignored. Another Program Suspend
command can be written after the device resumes programming. Do not read CFI code after HiddenROM Entry
and Exit in program suspend mode.
Write Buffer Programming Operations
Write Buffer Programming allows the system write to series of 16 words in one programming operation. This
results in faster effective word programming time than the standard programming algorithms. The Write Buffer
Programming command sequence is initiated by first writing two unlock cycles. This is followed by a third write
cycle selecting the Sector Address in which programming will occur. In forth cycle contains both Sector Address
and unique code for data bus width will be loaded into the page buffer at the Sector Address in which programming
will occur.
The system then writes the starting address/data combination. This “starting address” must be the same Sector
Address used in third and fourth cycles and its lower addresses of A3 to A0 should be 0h. All subsequent address
must be incremented by 1. Addresses are latched on the falling edge of CE or WE, whichever happens later
and the data is latched on the rising edge of CE or WE, whichever happens first. The rising edge of CE or WE
(whichever happens first) starts programming. Upon executing the Write Buffer Programming Operations com-
mand sequence, the system is not required to provide further controls or timings. The device will automatically
provide adequate internally generated program pulses and verify the programmed cell margin.
DQ7(Data Polling), DQ6(Toggle Bit), DQ5(Exceeded Timing Limits), DQ1(Write-to-Buffer Abort) should be moni-
tored to determine the device status during Write Buffer Programming. In addition to these functions, it is also
possible to indicate to the host system that Write Buffer Programming Operations are either in progress or have
been completed by RY/BY. See “Hardware Sequence Flags”.
The Data polling techniques described in “Data Polling Algorithm” in sFLOW CHART should be used while
monitoring the last address location loaded into the write buffer. In addition, it is not neccessary to specify an
address in Toggle Bit techniques described in “Toggle Bit Algorithm” in sFLOW CHART. The automatic pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com