Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM Datasheet(PDF) 10 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 10 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 6Page - SPANSION MBM29PL64LM Datasheet HTML 7Page - SPANSION MBM29PL64LM Datasheet HTML 8Page - SPANSION MBM29PL64LM Datasheet HTML 9Page - SPANSION MBM29PL64LM Datasheet HTML 10Page - SPANSION MBM29PL64LM Datasheet HTML 11Page - SPANSION MBM29PL64LM Datasheet HTML 12Page - SPANSION MBM29PL64LM Datasheet HTML 13Page - SPANSION MBM29PL64LM Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
MBM29PL64LM90/10
9
MBM29PL64LM User Bus Operations (Byte Mode : BYTE = VIL)
Legend : L = VIL, H = VIH, X = VIL or VIH. See DC Characteristics for voltage levels.
Hi-Z = High-Z, VID = 11.5 V to 12.5 V
*1 : Manufacturer and device codes may also be accessed via a command register write sequence.
See “MBM29PL64LM Standard Command Definitions”.
*2 : Refer to Sector Group Protection.
*3 : Protects the first 64K bytes sector (SA0)
*4 : DIN or DOUT as required by command sequence, data pulling, or sector protect algorithm
*5 : If WP/ACC = VIL, the first sector remain protected.
If WP/ACC = VIH, the first sector will be protected or unprotected as determined by the method
specified in "Sector Group Protection".
Operation
CE OE WE
DQ15/
A-1
A0
A1
A2
A3
A6
A9
DQ7 to
DQ0
RESET
WP/
ACC
Standby
H
X
X
X
X
X
X
X
X
X
Hi-Z
H
X
Autoselect Manufacture Code*1
LL
H
L
LL
L
L
L
VID
Code
H
X
Autoselect Device Code*1
LL
H
L
H
L
L
L
L
VID
Code
H
X
Read
L
L
H
A-1
A0
A1
A2
A3
A6
A9
DOUT
HX
Output Disable
L
H
H
X
X
X
X
X
X
X
Hi-Z
H
X
Write (Erase)
L
H
L
A-1
A0
A1
A2
A3
A6
A9
*4
H
*5
Enable Sector Group Protection*2
LHL
L
LH
L
L
L
X
*4
VID
H
Temporary Sector Group
Unprotection
X
X
XXX
X
X
X
X
X
*4
VID
H
Reset (Hardware)
X
X
X
X
X
X
X
X
X
X
Hi-Z
L
X
Sector Write Protection*3
X
X
XXX
X
X
X
X
X
X
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com