Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29PL64LM Datasheet(PDF) 23 Page - SPANSION

Part # MBM29PL64LM
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM Datasheet(HTML) 23 Page - SPANSION

Back Button MBM29PL64LM Datasheet HTML 19Page - SPANSION MBM29PL64LM Datasheet HTML 20Page - SPANSION MBM29PL64LM Datasheet HTML 21Page - SPANSION MBM29PL64LM Datasheet HTML 22Page - SPANSION MBM29PL64LM Datasheet HTML 23Page - SPANSION MBM29PL64LM Datasheet HTML 24Page - SPANSION MBM29PL64LM Datasheet HTML 25Page - SPANSION MBM29PL64LM Datasheet HTML 26Page - SPANSION MBM29PL64LM Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
MBM29PL64LM90/10
22
Temporary Sector Group Unprotection
This feature allows temporary unprotection of previously protected sector groups of the devices in order to change
data. The Sector Group Unprotection mode is activated by setting the RESET pin to high voltage (VID). During
this mode, formerly protected sector groups can be programmed or erased by selecting the sector group ad-
dresses. Once the VID is taken away from the RESET pin, all the previously protected sector groups will be
protected again. Refer to “Temporary Sector Group Unprotection Timing Diagram” in sTIMING DIAGRAM and
“Temporary Sector Group Unprotection Algorithm” in sFLOW CHART.
Hardware Reset
The devices may be reset by driving the RESET pin to VIL from VIH. The RESET pin has a pulse requirement
and has to be kept low (VIL) for at least “tRP” in order to properly reset the internal state machine. Any operation
in the process of being executed will be terminated and the internal state machine will be reset to the read mode
“tREADY” after the RESET pin is driven low. Furthermore, once the RESET pin goes high, the devices require an
additional “tRH” before it will allow read access. When the RESET pin is low, the devices will be in the standby
mode for the duration of the pulse and all the data output pins will be tri-stated. If a hardware reset occurs during
a program or erase operation, the data at that particular location will be corrupted.
Write Protect (WP)
The Write Protection function provides a hardware method of protecting certain first 64K bytes words sectors
without using VID. This function is one of two provided by the WP/ACC pin.
If the system asserts VIL on the WP/ACC pin, the device disables program and erase functions in the first
64K bytes / 32K words sectors independently of whether this sector was protected or unprotected using the
method described in “Sector Group Protection" above.
If the system asserts VIH on the WP/ACC pin, the device reverts of whether the outermost 8K bytes / 4K words
sectors were last set to be protected to the unprotected status. Sector protection or unprotection for this sector
depends on whether this was last protected or unprotected using the method described in “Sector protection/
unprotection”.
Accelerated Program Operation
The device offers accelerated program operation which enables programming in high speed. If the system asserts
VACC to the WP/ACC pin, the device automatically enters the acceleration mode and the time required for program
operation will reduce to about 85%. This function is primarily intended to allow high speed programing, so caution
is needed as the sector group becomes temporarily unprotected.
The system would use a fast program command sequence when programming during acceleration mode. Set
command to fast mode and reset command from fast mode are not necessary. When the device enters the
acceleration mode, the device is automatically set to fast mode. Therefore, the present sequence could be used
for programming and detection of completion during acceleration mode.
Removing VACC from the WP/ACC pin returns the device to normal operation. Do not remove VACC from the WP/
ACC pin while programming. See “Accelerated Program Timing Diagram” in sTIMING DIAGRAM.
Enhanced VCCQ Feature
The output voltage generated on the device is determined based on the VCCQ level. This feature allows the device
to operate in mixed-voltage environments, driving and receiving signals to and from other devices on the same
bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com