Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22L-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL22L-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22L-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL22L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R125-088.a
MARKING
PIN CONFIGURATION
1
VDD
2
SW1
3
SW2
8 CLK
7 DRV
6 CS
5 COMP
FB 4
GND
PIN DESCRIPTION
PIN NO.
I/O
(Note 1)
PIN NAME
DESCRIPTION
1
Power
VDD
Power supply.
2
O
SW1
Output of the 1st channel LED string control signal.
3
O
SW2
Output of the 2nd channel LED string control signal.
4
I
FB
LED string current sense pin.
5
O
COMP
Output of the error amplifier.
6
I
CS
Current sense in series with power switch.
7
O
DRV
Totem-pole output to drive the external power MOSFET.
8
I
CLK
Line-voltage detection pin for 2-channel control.
9
Power
GND
Power ground.
Note: I=Input, O=Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com