Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UL22L-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UL22L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UL22
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 13
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R125-088.a
LED DRIVER CONTROLLER
DESCRIPTION
Featured Device, UTC UL22, is a PWM controller with
innovative Free-Dimming
TM technology. The controller drives one
of the two strings of LEDs by an ON/OFF AC wall switch and
provides a cost effective solution for light control. It supports
power-factor-correction function in applications.
UTC UL22 provides several protection features. It includes a
cycle-by-cycle current limit to the power switch; over-current
protection at the LED load; bias voltage VDD over-voltage
protection. In addition, the driver output (DRV) voltage is clamped
for driving the external power MOSFET effectively and safely. The
controller also features an internal over-temperature protection.
FEATURES
* Free-Dimming
TM technology
* Proprietary technology using ON/OFF wall switch to select one of
the two LED channels
* Supports high-side Buck, Buck-Boost and Flyback topologies
* High power factor with Discontinue-Current-Mode (DCM)
control
* Low start-up current and operating current to maximize
conversion efficiency
* Under-voltage lockout (UVLO) with hysteresis
* Provides complete protection functions
-Maximum gate driver output clamp
 
-VDD pin Over-Voltage Protection
 
-Cycle-by-cycle current limit
 
-LEDs Over-Current Protection
 
-LEDs Open-Loop Protection
 
-LEDs Short-Circuit Protection
 
-Internal Over-Temperature Protection
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UL22L-SH2-R
UL22G-SH2-R
HSOP-8
Tape Reel


Similar Part No. - UL22L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
UL20276-SB10PX28AWG YAMAICHI-UL20276-SB10PX28AWG Datasheet
42Kb / 1P
AWG 28 (7/0.1.27mm) Hitachi Multi Pair Cable (30V, 80째C)
UL20276-SB14Px28AWG YAMAICHI-UL20276-SB14Px28AWG Datasheet
42Kb / 1P
AWG 28 (7/0.1.27mm) Hitachi Multi Pair Cable (30V, 80째C)
UL20276-SB18Px28AWG YAMAICHI-UL20276-SB18Px28AWG Datasheet
42Kb / 1P
AWG 28 (7/0.1.27mm) Hitachi Multi Pair Cable (30V, 80째C)
UL20276-SB25Px28AWG YAMAICHI-UL20276-SB25Px28AWG Datasheet
42Kb / 1P
AWG 28 (7/0.1.27mm) Hitachi Multi Pair Cable (30V, 80째C)
UL20276-SB34Px28AWG YAMAICHI-UL20276-SB34Px28AWG Datasheet
42Kb / 1P
AWG 28 (7/0.1.27mm) Hitachi Multi Pair Cable (30V, 80째C)
More results

Similar Description - UL22L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5920 TI-TLC5920 Datasheet
178Kb / 12P
16x8 BIT LED DRIVER/CONTROLLER
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
252Kb / 12P
0.2V LINEAR LED DRIVER CONTROLLER
DS35115 Rev. 1 - 2
logo
Linear Technology
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
STMicroelectronics
UM0425 STMICROELECTRONICS-UM0425 Datasheet
347Kb / 11P
STLED316S Front panel LED controller/driver
05-Jun-2007
logo
Linear Technology
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
Triple Output LED Driver Controller
logo
Texas Instruments
TLC5920 TI1-TLC5920_09 Datasheet
384Kb / 15P
16x8 BIT LED DRIVER/CONTROLLER
logo
Unisonic Technologies
UCL5811 UTC-UCL5811 Datasheet
192Kb / 5P
PSR & PFC LED DRIVER CONTROLLER
UC4107 UTC-UC4107 Datasheet
160Kb / 4P
TWO-STAGE HYSTERETIC LED DRIVER CONTROLLER
logo
IXYS Corporation
MX881 IXYS-MX881 Datasheet
404Kb / 13P
Xenon Flash Controller & LED Torch Driver
logo
Bright Power Semiconduc...
BP3339 BPS-BP3339 Datasheet
410Kb / 2P
High PF PSR LED Driver Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com