Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22L-SH2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UL22L-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22L-SH2-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UL22L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 9Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 10Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 11Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R125-088.a
FUNCTIONAL DESCRIPTION (Cont.)
LED Current Setting
LEDs current sensing resistors R10 and R17 connected to FB pin are selected for the LEDs current setting. The
LEDs current can be calculated by
()
()
()
ohm
17
R
//
10
R
mV
252
=
A
m
ILED
Open LED Protection (OVP)
When either one of the LED strings is opened, the control loop intends to regulate the rated current flowing
through LEDs. The output voltage rises, reflected voltage on the auxiliary winding and the voltage at VDD will
therefore increase. UTC UL22 provides VDD pin Over Voltage Protection which stops all switching operation when
VDD voltage exceeds 25.5V and enters auto-recovery (hiccup) mode. This temporary shutdown of operation does not
allow circuit to resume until VDD drops to 9.5V followed by the rise to above 15.0V.
Under abnormal condition VDD level continues to rise, the. Internal to the chip, VDD is clamped at 28.5V with 20mA
current sinking capability.
The OVP protection threshold can therefore be designed by the following equations:
( )
()
()
4
.
Fig
;
Flyback
V
5
.
25
×
N
N
N
N
=
V
34
AUX
56
SEC
OVP
-
OUT
( )
()
()
5
.
Fig
;
Boost
-
Buck
V
5
.
25
×
N
N
N
N
=
V
13
AUX
12
L
OVP
-
OUT
( )
()
()
6
.
Fig
;
Buck
S
-
H
V
5
.
25
×
N
N
N
N
=
V
12
AUX
13
L
OVP
-
OUT
where NSEC is the number of turns of the secondary winding, and NAUX is the number of turns of the auxiliary
winding.
Short LED Protection
When a number of LEDs in a string are shorted, current flowing through the sense resistors R10 and R17 will be
increased. To prevent any damage, UTC UL22 provides Over Current Protection. When the voltage at FB pin
reaches 0.8V, the controller will turn off the driver signal DRV to the power MOSFET Q1. This operation does not
allow circuit to resume until VDD drops below 9.5V followed by the rise to above 15.0V.
If the output terminal for the LED load is shorted to ground, there is no sense signal at FB pin, and current flowing
through the power transformer rises sharply. Once the CS pin voltage exceeds 0.8V threshold, the controller turns
off the output driver. It will not be turned on again until the next switching cycle starts provided VDD voltage is still
above 9.5V. This cycle-by-cycle current-limit function prevents external components from being damaged under the
fault condition.
As the short-circuit condition continues, the auxiliary winding, coupled to the secondary winding, cannot support
and sustain the VDD bias voltage. The VDD voltage will drop below 9.5V and the controller will shut off the DRV signal.
Note that when controller is shut off, the rectified input AC voltage will supply the charging current for VDD via R1,
R2 and R3 start-up resistors. The current, however cannot sustain the operating current of controller. Therefore, the
VDD voltage will fall gradually, and DRV signal will be shut off. VDD will then be charged to 15.0V, the circuit operates
as a hiccup mode under the short-circuit condition.
Frequency Fold-back
A large current may flow in the primary-side of the transformer when output short circuit to ground. Even though
the VDD voltage will fall due to the collapse of the auxiliary winding voltage, but the 750ns leading-edge blanking time
blocks off the control function which may cause transformer to be saturated before VDD drops below 9.5V. In order to
protect the power MOSFET Q1 and other components from being damaged, UTC UL22 provides a frequency
fold-back function. When the voltage at CS pin exceeds 1.15V, the DRV signal will be interrupted and rested for 3
cycles followed by the next pulse output.
Thermal Protection
Thermal protection occurs when the IC experiences a high junction temperature. The MOSFET drive DRV is
turned off once the junction temperature exceeds approximately 140°C. It resumes normal operation when the
junction temperature drops to or below approximately 110°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com