Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22L-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UL22L-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22L-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UL22L-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R125-088.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage to VDD Pin
VDD
-0.3 ~ 30
V
VDD Maximum Supply Current Limit for OVP Condition
VOVP
20.0
mA
Input Voltage to FB Pin
VFB
-0.3 ~ 7
V
Input Voltage to CS Pin
VCS
-0.3 ~ 7
V
Input Voltage to CLK Pin
VCLK
-0.3 ~ 7
V
Output Voltage at the COMP pin
VCOMP
-0.3 ~ 7
V
Maximum Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING RANGE (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Supply Voltage
VDD
18 ~ 24
V
Operation Ambient Temperature
TA
-40 ~ +85
°C
Operating Junction Temperature
TJ
+125
°C
THERMAL DATA (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
50
°C/W
Junction to Case
θJC
8
°C/W
Note: Not to exceed the maximum junction temperature of the IC, which relates to the operating power of the IC and
the thermal resistance of the IC/package as above. The operation power of the IC can be calculated by Pd
=VDD_IN x IIN, where VDD_IN represents the input voltage at the VDD pin of the IC and IIN represents the current
flow into the VDD pin of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com