Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22L-SH2-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UL22L-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22L-SH2-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UL22L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 9Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 10Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 11Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 12Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R125-088.a
REFERENCE DESIGN (Cont.)
3.
20W, 1-channel, 2-dimming level control by ON/OFF AC Switch (Free-Dimming
TM)
Featured
Device
Application
Input Voltage
Output Voltage
(Rated Current)
Rated Output
Power
Topology
UTC UL22
LED Driver with
Free-Dimming
TM
175~264VAC
170V/120mA/12
mA
20W/2W
H-Side Buck
with DCM fixed
FOSC
Schematic
Figure 6: Schematic
Typical Performance
Table 3: Measured Results
TYPE
SYMBOL
UNIT
175Vac
200Vac
220Vac
240Vac
264Vac
Pin
W
21.119
21.184
21.253
21.185
21.332
VLED
V
168.8
168.5
168.1
167.6
167.4
ILED
mA
119.7
119.8
119.9
120.0
120.1
EFFLED
%
95.67
95.29
94.83
94.94
94.25
Level 1
ACC
%
-0.17
-0.08
0.00
0.08
0.17
Pin
mW
2.037
2.137
2.178
2.217
2.286
VLED
V
144.6
144.8
145.0
145.1
145.3
ILED
mA
12.3
12.38
12.45
12.52
12.6
EFFLED, [%]
%
87.31
83.89
82.89
81.94
80.09
Level 2
ACC
%
-1.20
-0.56
0.00
0.56
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com