Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22L-SH2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UL22L-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22L-SH2-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UL22L-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 9Page - Unisonic Technologies UL22L-SH2-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R125-088.a
FUNCTIONAL DESCRIPTION
Refer to both the Block Diagram in Figure 1 and a reference design circuit in Figure 4 for the following
discussions. All parameters mentioned below are typical values.
Start-up Circuit
Applying AC power to the LED driver shown in Figure 4, initiates the operation. To minimize power losses, large
start-up resistors are preferred to be connected between rectified line voltage and VDD pin. During start-up, capacitor
C5 is charged up to 15.0V (VDD-ON) by resistors R1, R2 and R3. The turn-on and turn-off thresholds of the controller
are 15.0V and 9.5V (VDD-OFF) respectively. Once the VDD exceeds 15.0V, all of the internal circuits are activated.
Referring to Figure 2, the hysteresis voltage for VDD pin is implemented to keep IC operating for a period of time with
external hold-up capacitor C5. When VDD drops below 9.5V, the controller shuts off the driver output yet keeping
color control function active. The controller will be in shut-off mode with control logic being reset when VDD drops
below 4.0V.
Power Off
VDD-ON
VDD-OFF
VDD-RESET
VDD
Figure 1. VDD Power Supply Hysteresis
Power On
Power Off
Only Color Control
Function On
Hysteresis
on to off
Hysteresis
off to color
control
VDD
Turn Off
Control
UTC UL22 operates with 66 KHz, fixed-frequency PWM voltage-mode control for converter operation. It can be
used for providing regulated current for high-brightness LED applications. To keep the converter operating under
discontinuous mode over various conditions, the primary-side inductance of the power inductor T1 must be designed
and operated in Critical Conduction Mode (CRM) at minimum line voltage and maximum load.
During normal operation conditions, current flowing through the LEDs is detected at the sense resistors R10 and
R17 connected to FB pin. The signal at FB pin is processed to compare with a reference voltage by internal OTA
(Operational Transconductance Amplifier) which produces a compensated signal (VCOMP) at COMP pin. The
compensated signal is then compared with an internal saw-tooth signal to generate a pulse-width-modulation signal
for the driver output. When the internal saw-tooth signal intersects with the compensated signal, the switch Q1 will
be turned off. Therefore, the COMP pin voltage level determines the turn-on time of power switch and regulates the
energy stored in power inductor. The higher level voltage at COMP results in larger duty cycle to the driver which
provides higher brightness on LEDs.
Capacitor C6 connected at COMP pin provides a stable close-loop response. The slower the response, the
higher power factor converter provides.
The driver output (DRV pin) provides a maximum duty cycle of 79%. For operating conditions with high
VIN-to-VOUT ratios, the minimum on-time of 250ns should be considered in design of the circuit.
Color Control Function - Free-Dimming
TM
The controller implements a proprietary control technique to turn on a desired LED string (of the two) by using an
AC ON/OFF wall switch. It provides an example of color-temperature control for applications where each string
provide a unique color temperature.
CLK pin monitors a divided voltage signal from AC input through resistor divider (R1, R2, R4 and R5 in Figure 4).
The detected thresholds are set at 1.5V for CLK ON and 1.0V for CLK OFF, which can be designed appropriately
according to the AC input voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com