Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1925 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products MAX1925 Datasheet HTML 12Page - Maxim Integrated Products MAX1925 Datasheet HTML 13Page - Maxim Integrated Products MAX1925 Datasheet HTML 14Page - Maxim Integrated Products MAX1925 Datasheet HTML 15Page - Maxim Integrated Products MAX1925 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ing when the battery voltage drops, the MAX1925/MAX1926
ensure that the cell does not remain partially charged after
use when charger power is available.
Charging also restarts if input power is cycled or if the
charger is restarted by the EN or THRM input. If a new
battery is inserted, the charger must be restarted. If the
THRM functionality is used, the charger is automatically
restarted upon battery insertion. When THRM is not
used, toggle EN or connect THRM through a resistor to
be grounded with a battery-door latch switch.
Applications Information
Timer Capacitor and Fault Modes
The on-chip timer checks charge progress and issues
an alarm signal through a blinking CHG output when one
of the safety timers times out (see Table 1). All timers are
set by one external capacitor at CT. A 100nF value sets
the full-charge timer (tFULLCHG) to 3 hours, the
tPREQUAL1 timer to (tFULLCHG)/1088 (10s), and the
tPREQUAL2 timer at (tFULLCHG)/17 (10.67 minutes).
If the charger enters full-charge state (after the charging
current has fallen below C/8) before the full-charge timer
expires, no fault occurs, but if the timer expires before full
charge is reached, a fault is indicated (see Table 1).
A fault is also indicated if the battery voltage exceeds
4.35V. When the cell voltage exceeds 4.35V a fault alarm
is set, the CHG output blinks, and the PFET turns off.
To restart the charger after a fault occurs, the fault state
must be cleared by toggling EN, or by cycling input power
at IN (see Figure 1). Temperature faults do not need to be
cleared by EN. The MAX1925/MAX1926 resume charging
after the temperature returns to within the set window.
Inductor Selection
Because the MAX1925/MAX1926 is hysteretic, the con-
stant-current mode switching frequency is a function of
the inductance, sense resistance, and current-sense
hysteresis (30mV, from the Electrical Characteristics).
To minimize charge-current error:
where
∆ICHG is the acceptable charge-current error
and should usually be less than 1/4th the full charge
current. tIDelay is the current-sense comparator delay
(300ns typical). Calculate L for VIN = VIN,MAX, VBATT =
VBATT,MIN, with positive
∆ICHG and VIN = VIN,MIN,
VBATT = VBATT,MAX, with negative
∆ICHG. Use the larg-
er calculated value for L.
The resulting switching frequency in CCM is:
Choose an inductor with an RMS and saturation current
rating according to the following equation:
where VIPK is the peak current-sense threshold (158mV typ).
Output Capacitor Selection
The ESR of the output capacitor influences the switch-
ing frequency of the charger during voltage regulation
I
V
R
VV
t
L
SAT RMS
IPK
SET
IN
BATT IDelay
/
>+ ()
−
f
IL t
V
VV
t
IL t
V
V
V
Switch
HYST
IDelay BATT
IN
BATT
IDelay
HYST
IDelay
IN
BATT
BATT
>
×+
+×
+

×+
×

−
−
−
2
1
()
L
VV
t
I
IN
BATT
Delay
CHG
>
×
()×
×∆
− 2
2
Switch-Mode 1-Cell Li+ Chargers
______________________________________________________________________________________________________
13
PART
VIN
ACON
CHARGING
CHG LED
VIN > VACON threshold (4.5V nom) and < 6.1V, and
VIN > VBATT
LOW
YES
ON
(until charge complete)
VIN > VACON threshold and VIN < VBATT
(Note: This state should never occur)
High Z
NO
OFF
MAX1925
VIN < VACON threshold
High Z
NO
OFF
VIN > VACON threshold (4.25V nom) and VIN > VBATT
LOW
YES
ON
(until charge complete)
VIN > VACON threshold and VIN < VBATT
(Note: This state should never occur)
High Z
NO
OFF
MAX1926
VIN < VACON Threshold
High Z
NO
OFF
Table 2. ACON Behavior vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com