Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1925 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products MAX1925 Datasheet HTML 11Page - Maxim Integrated Products MAX1925 Datasheet HTML 12Page - Maxim Integrated Products MAX1925 Datasheet HTML 13Page - Maxim Integrated Products MAX1925 Datasheet HTML 14Page - Maxim Integrated Products MAX1925 Datasheet HTML 15Page - Maxim Integrated Products MAX1925 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
mode. To ensure stable transition from CCM to CVM
choose a capacitor with the following ESR:
where VVHIST is the voltage hysteresis (15mV typ) and
VIHIST is the current-sense threshold hysteresis (typi-
cally 30mV). Tantalum capacitors are recommended.
However a ceramic capacitor (typically 10µF) with a
series resistor can also be used.
MOSFET Selection
The MAX1925/MAX1926 drive an external P-channel
MOSFET’s gate from IN to GND. Choose a P-channel
MOSFET with a |VDS,MAX| > VIN. Since EXT drives from
rail to rail the MOSFET must also be rated for |VGS,MAX|
> VIN. At the lower operating frequencies and currents
for typical MAX1925/MAX1926 applications resistive
and diode losses dominate switching losses. For this
reason choose a MOSFET with a low RDSON. The resis-
tive losses are:
PResistive_losses
≅ D ✕ ICHG2 ✕ RDSON + ICHG2 ✕
(RSET + RL)
where D is the operating duty cycle (VOUT/VIN) and RL
is the inductor resistance. The MOSFET’s power dissi-
pation must exceed D ✕ ICHG2 ✕ RDSON.
Diode Selection
In the event of a short-circuited source, the body diode
inherent in the external PFET allows the cell to dis-
charge. To prevent this and to protect against negative
input voltages, add a Schottky or silicon diode between
the power source and IN.
The MAX1925/MAX1926 use a diode for catching the
inductor current during the off cycle. Select a Schottky
diode with a current rating greater than VIPK/RSET and
a voltage rating greater than VIN.
Dropout Behavior
The MAX1925/MAX1926 regulate charging current by
ramping inductor current between upper and lower
thresholds, typically 128mV and 158mV across RSET.
This results in an average current of 142mV/RSET. At
input voltages near dropout (4.6V at IN for the typical
circuit), the inductor current ramp waveform becomes
somewhat flattened as inductor, MOSFET, input diode,
and battery resistance limit inductor current. When the
inductor current waveform flattens, it’s average value
rises with respect to the upper and lower current
thresholds. This creates a slight peak (about 5%) in
charging current at high battery voltages as seen in the
Charging Current vs. Battery Voltage plot in the Typical
Operating Characteristics. Charging current is still con-
trolled in dropout and the charger operates normally.
The dropout current peak can be minimized by reduc-
ing MOSFET and inductor resistance, as well as for-
ward voltage in the input diode.
Thermistor Interface
An external thermistor inhibits charging by setting a
fault flag when the cell is cold (<0°C) or hot (>+50°C).
The THRM time-multiplexes two sense currents to test
for both hot and cold qualification. Connect the thermis-
tor between THRM and GND. If no temperature qualifi-
cation is desired, replace the thermistor with a 10k
Ω
resistor connected through the battery-latch mecha-
nism. The thermistor should be 10k
Ω at +25°C and
have a negative temperature coefficient, as defined by
the expression below:
Table 3 shows nominal fault detection temperatures
that result from a wide range of available thermistor
temperature curves.
For a given thermistor characteristic, it is possible to
adjust the fault-detection temperatures by adding a
resistor in series with the thermistor or a parallel resistor
from THRM to GND.
Chip Information
TRANSISTOR COUNT: 5722
PROCESS: BiCMOS
RR
T
TC
e
=
+






°×
−
25
1
273
1
298
β
R
V
V
R
ESR
VHIST
IHIST
SET
>×
THERMISTOR BETA
3000
3250
3500
3750
Resistance at +25
°C
10000
Ω
10000
Ω
10000
Ω
10000
Ω
Resistance at +50
°C
4587.78
Ω
4299.35
Ω
4029.06
Ω
3775.75
Ω
Resistance at 0
°C
25140.55
Ω
27148.09
Ω
29315.94
Ω
31656.90
Ω
Nominal Hot Trip Temperature
55.14
°C
52.60
°C
50.46
°C
48.63
°C
Nominal Cold Trip Temperature
-3.24
°C
-1.26
°C
0.46
°C
1.97
°C
Switch-Mode 1-Cell Li+ Chargers
14
______________________________________________________________________________________
Table 3. Fault Temperature for Different Thermistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com