Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1925 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1925 Datasheet HTML 1Page - Maxim Integrated Products MAX1925 Datasheet HTML 2Page - Maxim Integrated Products MAX1925 Datasheet HTML 3Page - Maxim Integrated Products MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPGND = VGND = 0, VINP = VIN = VCHG = 5V, VBATT = VCS = VEN = 4V, THRM = 10k
Ω to GND, CCT = 100nF, TA = 0°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, INP, ACON to GND...........................................-0.3V to +14V
CHG, EXT to PGND ...................................-0.3V to (VINP + 0.3V)
CS, BATT, EN, THRM to GND ..................................-0.3V to +6V
CT to GND ................................................................-0.3V to +4V
EN, THRM, CT to IN................................................-14V to +0.3V
INP to IN ................................................................-0.3V to +0.3V
PGND to GND .......................................................-0.3V to +0.3V
CS to BATT ............................................................-0.3V to +0.3V
EXT Continuous RMS Current.........................................±100mA
Continuous Power Dissipation (TA = +70°C)
Exposed Paddle Soldered to Board
(derate 16.9mW/°C above +70°C) .............................1349mW
Exposed Paddle Unsoldered
(derate 9mW/°C above +70°C) ....................................721mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VINP, VIN (MAX1925 does not charge above 6.1V)
4.5
12.0
V
MAX1925
4.30
4.50
4.78
VINP, VIN rising
MAX1926
4.00
4.25
4.50
MAX1925
4.17
4.30
4.43
ACON Trip Point
VINP, VIN falling
MAX1926
3.90
4.15
4.40
V
Rising
5.8
6.4
INP, IN Shutdown Threshold
MAX1925
Falling
5.3
5.9
V
EN Input Resistance
MAX1926 internally pulled up to 3V
125
300
550
k
Ω
EN Leakage Current
MAX1925
-1
+1
µA
EN Logic Input High Threshold
2
V
EN Logic Input Low Threshold
0.8
V
DONE state, VBATT = 4.1V
25
50
EN = GND (Note 1)
2
10
BATT + CS Input Current
(Total Current into BATT and CS)
VBATT = VINP = VIN = 4V, shutdown (Note 1)
2
10
µA
CS Input Current
Charging
39
µA
EN = GND
5
8
mA
VBATT = VINP = VIN = 4V, shutdown
2
10
µA
VBATT = 4.1V; charging
10
IN + INP Total Input Current
VBATT = 4.3V; done
5
8
mA
VOLTAGE LOOP
Voltage Loop Set Point
4.1685
4.2000
4.2315
V
Voltage Loop Hysteresis
15
mV
BATT Prequal1 Voltage Threshold
1.9
2
2.1
V
BATT Prequal2 Voltage Threshold
2.85
3
3.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com