Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1925 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1925 Datasheet HTML 1Page - Maxim Integrated Products MAX1925 Datasheet HTML 2Page - Maxim Integrated Products MAX1925 Datasheet HTML 3Page - Maxim Integrated Products MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX1925/MAX1926 single-cell lithium-ion (Li+)
switch-mode battery chargers use an external PMOS
pass element step-down configuration. Charge current
is programmable, and an external capacitor sets the
maximum charge time.
Additional features include automatic input power
detection (ACON output), logic-controlled enable, and
temperature monitoring with an external thermistor. The
MAX1925 disables charging for inputs greater than
6.1V, while the MAX1926 charges for inputs between
4.25V and 12V.
The MAX1925/MAX1926 feature two precondition levels
to restore near-dead cells. The devices source 4mA to
a cell that is below 2V while sourcing C/10 to a cell
between 2V and 3V. Full charge current is then applied
above 3V. A CHG output drives an LED to indicate
charging (LED on) and fault conditions (LED blinking).
The MAX1925/MAX1926 are available in a 12-pin
4mm ✕ 4mm thin QFN package and are specified over
the extended temperature range (-40°C to +85°C). An
evaluation kit is available to speed design.
Applications
Digital Cameras
Self-Charging Battery Packs
PDAs
Cradle Chargers
Features
o Small (4mm ✕ 4mm) Package
o 4.25V to 12V Input Range (MAX1926)
o Overvoltage Lockout at 6.1V (MAX1925)
o ±0.75% Battery Regulation Voltage
o Set Charge Current with One Resistor
o Automatic Input Power Sense
o LED (or Logic-Out) Charge Status and Fault
Indicator
o Programmable Safety Timer
o Autorestart at Cell = 4V
o Thermistor Monitor Input
Switch-Mode 1-Cell Li+ Chargers
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX1925
MAX1926
IN
EN
INP
EXT
PGND
INPUT
4.5V TO 12V
LED
CT
CHG
ON
OFF
ACON
THRM
GND
BATT
CS
1-CELL
Li+
BATTERY
Typical Operating Circuit
19-2556; Rev 1; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP
RANGE
PIN-
PACKAGE
INPUT
CHARGING
RANGE
MAX1925ETC
-40
°C to +85°C
12 Thin QFN
4mm x 4mm
4.5V to 6.1V
MAX1926ETC
-40
°C to +85°C
12 Thin QFN
4mm x 4mm
4.25V to 12V
12
IN
11
INP
10
EXT
45
CT
6
CS
1
2
EN
3
9
8
7
THRM
PGND
GND
BATT
MAX1925
MAX1926
CHG
ACON
THIN QFN
Pin Configuration


Similar Part No. - MAX1925

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
MAX1920 MAXIM-MAX1920 Datasheet
370Kb / 9P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 1; 7/02
MAX1920 MAXIM-MAX1920 Datasheet
93Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1920 MAXIM-MAX1920 Datasheet
95Kb / 4P
fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1920 MAXIM-MAX1920 Datasheet
1Mb / 12P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results

Similar Description - MAX1925

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Summit Microelectronics...
SMB329 SUMMIT-SMB329 Datasheet
141Kb / 1P
Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451_17 Datasheet
319Kb / 37P
Switch-Mode Single Cell Li-ion Battery Charger
RT9458 RICHTEK-RT9458 Datasheet
244Kb / 27P
Switch-Mode Single Cell Li-Ion Battery Charger
RT9460 RICHTEK-RT9460 Datasheet
359Kb / 33P
Switch-Mode Single Cell Li-Ion Charger
logo
Maxim Integrated Produc...
MAX8903A MAXIM-MAX8903A_13 Datasheet
1Mb / 30P
2A 1-Cell Li DC-DC Chargers for USB and Adapter Power
Rev 5; 9/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com