Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1925 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1925 Datasheet HTML 1Page - Maxim Integrated Products MAX1925 Datasheet HTML 2Page - Maxim Integrated Products MAX1925 Datasheet HTML 3Page - Maxim Integrated Products MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VPGND = VGND = 0, VINP = VIN = VCHG = 5V, VBATT = VCS = VEN = 4V, THRM = 10k
Ω to GND, CCT = 100nF, TA = 0°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Restart Threshold
Charging restarts when BATT falls to this point
3.92
4.00
4.08
V
BATT Voltage Fault Threshold
If BATT exceeds this threshold, EXT is high
(external MOSFET is off) and CHG blinks
4.275
4.350
4.425
V
CURRENT LOOP
VCS - VBATT, average value
132
142
152
CS - BATT Sense Threshold
Rise/fall hysteresis
30
mV
Prequal1 Charge Current
VBATT < 2V
3
4
6
mA
Average value, 2V < VBATT < 3V (charge current is C/10)
14
Prequal2 CS - BATT Sense
Threshold
Rise/fall hysteresis, 2V < VBATT < 3V
12
mV
Current Threshold for
Full-Battery Indication
ILOAD falling, as percentage of fast charge current
6
12
20
%
DRIVER FUNCTIONS
EXT Sink/Source Current
1
A
EXT On-Resistance
EXT high or low
5
12
Ω
Nominal Switching Frequency
VBATT = 3.6V, L =10µH
235
kHz
TIMER FUNCTIONS
Full-Time Timeout - tFULL
CCT = 100nF
3.02
hours
Prequal1 Timeout
CCT = 100nF
tFULL/1088
(10s)
s
Prequal2 Timeout
CCT = 100nF
tFULL/17
(10.67 min)
min
Timer Accuracy
CCT = 100nF for 3 hours
-15
+15
%
CHG Output Low Current
VCHG = 1V
7
10
14
mA
CHG Output High Leakage
Current
VCHG = 12V
1
µA
CHG Blink Rate - Fault
Fault state (50% duty cycle), CCT = 100nF
0.5
Hz
ACON High Leakage
VACON = 12V
0.01
1.00
µA
ACON Sink Current
VACON = 0.4V
2
mA
THERMISTOR MONITOR (Note 2)
THRM Sense Current for Hot
Qualification
344.1
352.9
361.7
µA
THRM Sense Current for Cold
Qualification
47.58
48.80
50.02
µA
THRM Sense-Voltage Trip Point
(Note 3)
1.386
1.400
1.414
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com