Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1925 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1925
Description  Switch-Mode 1-Cell Li Chargers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1925 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1925 Datasheet HTML 2Page - Maxim Integrated Products MAX1925 Datasheet HTML 3Page - Maxim Integrated Products MAX1925 Datasheet HTML 4Page - Maxim Integrated Products MAX1925 Datasheet HTML 5Page - Maxim Integrated Products MAX1925 Datasheet HTML 6Page - Maxim Integrated Products MAX1925 Datasheet HTML 7Page - Maxim Integrated Products MAX1925 Datasheet HTML 8Page - Maxim Integrated Products MAX1925 Datasheet HTML 9Page - Maxim Integrated Products MAX1925 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Switch-Mode 1-Cell Li+ Chargers
6
_______________________________________________________________________________________
Typical Operating Characteristics
(Circuit of Figure 1, VSUPPLY = 5V, VBATT = 4V, TA = +25°C, unless otherwise noted.)
CHARGE-CURRENT ACCURACY
vs. SUPPLY VOLTAGE
VSUPPLY (V)
11
10
6
7
8
9
-15
-10
-5
0
5
10
15
20
-20
512
VBATT = 4V
CHARGE CURRENT
vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
4.2
4.0
3.8
3.6
3.4
3.2
0.2
0.4
0.6
0.8
1.0
1.2
0
3.0
4.4
VIN = 12V
VIN = 10V
VIN = 8V
VIN = 5V
SEE THE DROPOUT
BEHAVIOR SECTION
FULL-BATTERY VOLTAGE
vs. SUPPLY VOLTAGE
VSUPPLY (V)
11
10
5
6
7
8
9
4.196
4.198
4.200
4.202
4.204
4.206
4.208
4.210
4.194
412
SHUTDOWN BATTERY CURRENT
vs. BATTERY VOLTAGE
VBATT (V)
4.0
3.8
3.6
3.4
3.2
1.5
2.0
2.5
3.0
3.5
4.0
0
1.0
0.5
3.0
4.2
EFFICIENCY vs. SUPPLY VOLTAGE
VSUPPLY (V)
11
10
9
8
7
6
75
80
85
90
95
100
70
512
VBATT = 4V
EFFICIENCY vs. BATTERY VOLTAGE
BATTERY VOLTAGE (V)
4.0
3.8
3.2
3.4
3.6
65
70
75
80
85
90
95
100
60
3.0
4.2
VIN = 12V
VIN = 8V
VIN = 5V
SWITCHING FREQUENCY vs. INDUCTANCE
INDUCTANCE (
µH)
10
100
1000
10
100
1
VIN = 12V
VIN = 8V
VIN = 5V
VBATT = 4V
SWITCHING FREQUENCY vs. RSENSE
RSENSE (
Ω)
0.10
100
1000
10
1.00
0.01
VIN = 12V
VIN = 8V
VIN = 5V
VBATT = 4V
SWITCHING FREQUENCY
vs. SUPPLY VOLTAGE
VSUPPLY (V)
11
10
8
9
7
6
50
100
150
200
250
300
350
400
450
500
0
512
VBATT = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com