Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB5052 Datasheet HTML 1Page - Texas Instruments TUSB5052 Datasheet HTML 2Page - Texas Instruments TUSB5052 Datasheet HTML 3Page - Texas Instruments TUSB5052 Datasheet HTML 4Page - Texas Instruments TUSB5052 Datasheet HTML 5Page - Texas Instruments TUSB5052 Datasheet HTML 6Page - Texas Instruments TUSB5052 Datasheet HTML 7Page - Texas Instruments TUSB5052 Datasheet HTML 8Page - Texas Instruments TUSB5052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
iv
5.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
5–2
. . . . . . . . . . .
5.5
USBMSK: USB Interrupt Mask Register
5–3
. . . . . . . . . . . . . . . . . . . . . . . .
5.6
USBCTL: USB Control Register
5–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.7
HUBCNF1: HUB-Configuration-1 Register
5–5
. . . . . . . . . . . . . . . . . . . . . .
5.8
HUBCNF2: HUB-Configuration-2 Register
5–6
. . . . . . . . . . . . . . . . . . . . . .
5.9
HUBPOTG: HUB Power-On to Power-Good Descriptor Register
5–6
. . .
5.10
HUBPIDL: HUB-PID Register (Low-Byte)
5–6
. . . . . . . . . . . . . . . . . . . . . . .
5.11
HUBPIDH: HUB-PID Register (High-Byte)
5–6
. . . . . . . . . . . . . . . . . . . . . .
5.12
HUBVIDL: HUB-VID Register (Low-Byte)
5–7
. . . . . . . . . . . . . . . . . . . . . . .
5.13
HUBVIDH: HUB-VID Register (High-Byte)
5–7
. . . . . . . . . . . . . . . . . . . . . .
5.14
Function Reset and Power-Up Reset Interconnect
5–7
. . . . . . . . . . . . . . .
5.15
Pullup Resistor Connect/Disconnect
5–8
. . . . . . . . . . . . . . . . . . . . . . . . . . .
6
DMA Controller
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
DMA Controller Registers
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1.1
DMACDR[2–1]: DMA Channel Definition Register
6–2
. . . . . . .
6.1.2
DMACSR[2–1]: DMA Control and Status Register
6–3
. . . . . . .
6.1.3
DMACDR[4–3]: DMA Channel Definition Register
6–4
. . . . . .
6.1.4
DMACSR[4–3]: DMA Control and Status Register
6–5
. . . . . .
6.1.5
DMACDR5: DMA-5 Channel Definition Register
6–6
. . . . . . . .
6.1.6
DMACSR5: DMA-5 Control and Status Register
6–7
. . . . . . . .
6.2
Bulk Data I/O Using the EDB
6–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
UARTs
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1
UART Registers
7–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.1
RDR[2–1]: Receiver Data Registers
7–1
. . . . . . . . . . . . . . . . . .
7.1.2
TDR[2–1]: Transmitter Data Registers
7–1
. . . . . . . . . . . . . . . .
7.1.3
LCR[2–1]: Line Control Registers
7–2
. . . . . . . . . . . . . . . . . . . . .
7.1.4
FCRL[2–1]: UART Flow Control Register
7–3
. . . . . . . . . . . . . .
7.1.5
Transmitter Flow Control
7–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.6
MCR[2–1]: Modem-Control Register
7–5
. . . . . . . . . . . . . . . . . . .
7.1.7
LSR[2–1]: Line-Status Register
7–6
. . . . . . . . . . . . . . . . . . . . . . .
7.1.8
MSR[2–1]: Modem-Status Register
7–7
. . . . . . . . . . . . . . . . . . .
7.1.9
DLL[2-1]: Divisor Register Low-Byte
7–7
. . . . . . . . . . . . . . . . . . .
7.1.10
DLH[2-1]: Divisor Register High-Byte
7–8
. . . . . . . . . . . . . . . . . .
7.1.11
Baud Rate Calculation
7–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.12
XON[2-1]: Xon Register
7–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.13
XOFF[2-1]: Xoff Register
7–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.1.14
MASK[2-1]: UART Interrupt-Mask Register
7–9
. . . . . . . . . . . . .
7.2
UARTs Data Transfer
7–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.1
Receiver Data Flow
7–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.2
Hardware Flow Control
7–10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7.2.3
Auto-RTS (Receiver Control)
7–10
. . . . . . . . . . . . . . . . . . . . . . . . .
7.2.4
Auto-CTS (Transmitter Control)
7–11
. . . . . . . . . . . . . . . . . . . . . . .
7.2.5
Xon/Xoff Receiver Flow Control
7–11
. . . . . . . . . . . . . . . . . . . . . . .
7.2.6
Xon/Xoff Transmit Flow Control
7–11
. . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com