Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 2Page - Texas Instruments TUSB5052 Datasheet HTML 3Page - Texas Instruments TUSB5052 Datasheet HTML 4Page - Texas Instruments TUSB5052 Datasheet HTML 5Page - Texas Instruments TUSB5052 Datasheet HTML 6Page - Texas Instruments TUSB5052 Datasheet HTML 7Page - Texas Instruments TUSB5052 Datasheet HTML 8Page - Texas Instruments TUSB5052 Datasheet HTML 9Page - Texas Instruments TUSB5052 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
vi
10.5.3
EPROM [DATA]
10–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6
Page-Write
10–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6.1
Device Address + EPROM [High-Byte]
10–5
. . . . . . . . . . . . . . . .
10.6.2
EPROM [Low-Byte]
10–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6.3
EPROM [DATA] - 31 Bytes
10–5
. . . . . . . . . . . . . . . . . . . . . . . . . . .
10.6.4
EPROM [DATA] - Last Byte
10–5
. . . . . . . . . . . . . . . . . . . . . . . . . .
11 Electrical Specifications
11–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.1
Absolute Maximum Rating
11–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.2
Commercial Operating Condition (3.3 V)
11–1
. . . . . . . . . . . . . . . . . . . . . . . .
11.3
Electrical Characteristics, TA = 25°C, VCC 3.3 V ±5%, VSS = 0 V
11–1
. .
11.4
Absolute Maximum Rating
11–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
11.5
Commercial Operating Condition (5 V)
11–2
. . . . . . . . . . . . . . . . . . . . . . . . .
11.6
Electrical Charactaeristics, TA = 25°C, VCC = 5.0 V ±5%,
VSS = 0 V
11–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
12 Application
12–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13 Boot Code
13–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com