Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 64 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 60Page - Texas Instruments TUSB5052 Datasheet HTML 61Page - Texas Instruments TUSB5052 Datasheet HTML 62Page - Texas Instruments TUSB5052 Datasheet HTML 63Page - Texas Instruments TUSB5052 Datasheet HTML 64Page - Texas Instruments TUSB5052 Datasheet HTML 65Page - Texas Instruments TUSB5052 Datasheet HTML 66Page - Texas Instruments TUSB5052 Datasheet HTML 67Page - Texas Instruments TUSB5052 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
8–4
8.1.5
PPCTL: P-Port Control Register
This register is used to control the P-port output signals.
RSV
RSV
RSV
RSV
SLIN
INIT
AFD
STB
7
6
5
4
32
10
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
STB
0
This bit affects the inverse of STB output pin.
STB = 0
STB output is set to 1 (inactive)
STB = 1
STB output is set to 0 (active)
1
AFD
0
This bit affects the inverse of AFD output pin.
AFD = 0
AFD output is set to 1 (inactive)
AFD = 1
AFD output is set to 0 (active)
2
INIT
0
This bit affects the inverse of INIT* output pin.
INIT = 0
INIT output is set to 1 (inactive)
INIT = 1
INIT output is set to 0 (active)
3
SLIN
0
This bit affects the inverse of SLIN * output pin.
SLIN = 0
SLIN output is set to 1 (inactive)
SLIN = 1
SLIN output is set to 0 (active)
7–4
RSV
0
Reserved = 0
Table 8–4. PP Output-Pins Activation Source
PPCTR
SPP
EPP
ECP
OUTPUT PINS
PPCTR
REGISTER
IN
OUT
IN
OUT
IN
OUT
OUTPUT PINS
STB
H
H
H
H
H
H
STB
AFD
H
H
H
H
H
H
AFD
INIT
F
F
F
F
HF†
HF†
INIT
SLIN
F
F
F
H
F
F
SLIN
† INIT is controlled by the DIR bit in the PPMCR register.
H = Output pin is driven by hardware
F = Output pin is driven by firmware (the MCU can toggle this bit).
8.1.6
PPADR: EPP/ECP Address Register
This register is used in the EPP/ECP modes of operation only. In these modes, it is used as the command/address
register. Writing to this register generates the EPP/ECP address-protocol signals automatically.
RSV
A6
A5
A4
A3
A2
A1
A0
7
6
5
4
32
10
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
A[6:0]
00h
Channel address or run-length count-value (0–127)
7
RSV
0
Reserved = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com