Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 76 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 72Page - Texas Instruments TUSB5052 Datasheet HTML 73Page - Texas Instruments TUSB5052 Datasheet HTML 74Page - Texas Instruments TUSB5052 Datasheet HTML 75Page - Texas Instruments TUSB5052 Datasheet HTML 76Page - Texas Instruments TUSB5052 Datasheet HTML 77Page - Texas Instruments TUSB5052 Datasheet HTML 78Page - Texas Instruments TUSB5052 Datasheet HTML 79Page - Texas Instruments TUSB5052 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
10–4
10.4.2 N-Byte Read (31 Bytes)
1.
Data from the device are latched into the I2CDAI register (stop condition is
not transmitted).
2.
RXF bit in the I2CSTA register is set and interrupts the MCU, indicating that data are available.
3.
MCU reads the I2CDAI register. This clears the RXF bit (I2CSTA[RXF] = 0).
4.
This operation repeats 31 times.
10.4.3 Last-Byte Read (Byte 32)
1.
MCU sets I2CSTA[SRD] = 1. This forces the I2C controller to generate a stop condition after the I2CDAI
register contents are received.
2.
Data from the device are latched into the I2CDAI register (stop condition is transmitted).
3.
RXF bit in the I2CSTA register is set and interrupts the MCU, indicating that data are available.
4.
MCU reads the I2CDAI register. This clears the RXF bit (I2CSTA[RXF] = 0).
5.
End
10.5 Byte-Write Operation
10.5.1 Device Address + EPROM [High-Byte]
•
MCU sets I2CSTA[SWR] = 0. This forces the I2C controller
not to generate a stop condition after the
contents of the I2CDAO register are transmitted.
•
MCU writes the device address (R/W bit = 0) to the I2CADR register (write operation).
•
MCU writes the high-byte of the E2PROM address into the I2CDAO register (this starts the transfer on the
SDA line).
•
TXE bit in the I2CSTA register is cleared (indicates busy).
•
The contents of the I2CADR register are transmitted to the device (preceded by start condition on SDA).
•
The contents of the I2CDAO register are transmitted to the device (E2PROM high-address).
•
TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register contents
have been transmitted.
10.5.2 EPROM [Low-Byte]
•
MCU writes the low-byte of the E2PROM address into the I2CDAO register.
•
TXE bit in the I2CSTA register is cleared (indicating busy).
•
The contents of the I2CDAO register are transmitted to the device (E2PROM address).
•
TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register contents
have been transmitted.
10.5.3 EPROM [DATA]
•
MCU sets I2CSTA[SWR] = 1. This forces the I2C controller to generate a stop condition after the contents
of I2CDAO register are transmitted.
•
The data to be written to E2PROM are written by the MCU into the I2CDAO register.
•
TXE bit in the I2CSTA register is cleared (indicates busy).
•
The contents of the I2CDAO register are transmitted to the device (E2PROM data).
•
TXE bit in the I2CSTA register is set and interrupts the MCU, indicating that the I2CDAO register contents
have been transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com