Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 12Page - Texas Instruments TUSB5052 Datasheet HTML 13Page - Texas Instruments TUSB5052 Datasheet HTML 14Page - Texas Instruments TUSB5052 Datasheet HTML 15Page - Texas Instruments TUSB5052 Datasheet HTML 16Page - Texas Instruments TUSB5052 Datasheet HTML 17Page - Texas Instruments TUSB5052 Datasheet HTML 18Page - Texas Instruments TUSB5052 Datasheet HTML 19Page - Texas Instruments TUSB5052 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
3–4
Table 3–2. Internal/External Microcontroller Signals Defintion
EXTEN* =1; INTERNAL MICROCONTROLLER
EXTEN* =0; EXTERNAL MICROCONTROLLER
P1.[7–0]
Port-1: 8-bit GPIO
I/O
P0.[7–0]
8-Bit data/address bus
I/O
P3.0
GPIO/ RxD
I/O
AD8
Address line A8
I
P3.1
GPIO/ TxD
I/O
AD9
Address line A9
I
P3.3
GPIO/INT1*
I/O
AD10
Address line A10
I
P3.4
GPIO/T0
I/O
P3.4
Address line A15
I
LED–1
LED-1 output
O
ALE
Address latch enable
I
LED–2
LED-2 output
O
XINTO*
Interrupt output
O
LED–3
LED-3 output
O
WR*
External data memory write strobe
I
LED–4
LED-4 output
O
RD*
External data memory read strobe
I
3.1
Hub-Ports LED Status Definition
Four LED outputs are provided to indicate the corresponding USB port states (LED-1 corresponds to Port-1, etc.).
All the LED signals are CMOS with
±4-mA sink/drive capability. Table 3–3 describes the LED signal level with its
corresponding port states. The colors generated correspond to the circuit implementation shown in Figure 3–2.
Table 3–3. Relation Between LEDs Signal and Hub-Port States
PORT-POWERED
ENABLED OR
SUSPENDED
DEVICE CONNECTED
SUSP-
SIGNAL
LEDn OUTPUT
COLOR
No
X
X
1
Flash (see Note 9)
Red/Green
Yes
X
No
1
1
Red
Yes
Yes
Yes
1
0
Green
Yes
No
Yes
1
Flash (see Note 9)
Red/Green
X
X
X
0
3-State
Blank
NOTE 6: LED output is 512 ms on and 512 ms off
Green
Red
1.5 k
Ω
1.5 k
Ω
1.5 k
Ω
LEDn
SUSP
To All LEDs
Figure 3–2. Dual LED Connection to LED and SUSP Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com