Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB5052 Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB5052
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB5052 Datasheet HTML 17Page - Texas Instruments TUSB5052 Datasheet HTML 18Page - Texas Instruments TUSB5052 Datasheet HTML 19Page - Texas Instruments TUSB5052 Datasheet HTML 20Page - Texas Instruments TUSB5052 Datasheet HTML 21Page - Texas Instruments TUSB5052 Datasheet HTML 22Page - Texas Instruments TUSB5052 Datasheet HTML 23Page - Texas Instruments TUSB5052 Datasheet HTML 24Page - Texas Instruments TUSB5052 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
4–3
Once the code is loaded, the MCU sets SDW = 1. This switches the memory map to
normal-mode, i.e. the 16K-RAM
is mapped to code space, and the MCU starts executing from location 0000h. Once the switch is done, the MCU sets
CONT = 1 (in the USBCTL register). This
connects the device to the USB and results in normal USB device
enumeration.
4.1.3
GLOBCTL: Global Control Register
This register is used to control the MCU clock rate, power-down mode, and the CLKO frequency.
12/24
C1
C0
CLKOE
RSTP
RSV
RSV
RSV
7
6
5
4
32
10
R/W
R/W
R/W
R/W
R/W
R/O
R/O
R/O
BIT
NAME
RESET
FUNCTION
2–0
RSV
00b
Reserved = 0
3
RSTP
1
Reset-output polarity
RSTP = 0 RSTO output is active low
RSTP = 1 RSTO output is active high
4
CLKOE
0
0 = enable
1 = disable
6–5
C[1:0]
00b
Output clock frequency selection
00 = Output clock = 48 MHz
01 = Output clock = 24 MHz
10 = Output clock = 12 MHz
11 = Output clock = 6 MHz
7
12/24
0
This bit selects a 12 MHz or 24 MHz clock for the MCU
12/24=0 12 MHz
12/24=1 24 MHz
4.2
Buffers + I/O RAM Map
The address range from F800 to FFFF (2K bytes) is reserved for data buffers, setup packet, end-point descriptors
block (EDB) and all I/O. There are 128 location reserved for MMR (memory mapped registers). Table 4–2 represents
the XDATA space allocation and access restriction for the DMA, UBM and MCU.
Table 4–2. XDATA Space
DESCRIPTION
ADDRESS RANGE
UBM ACCESS
DMA ACCESS
MCU ACCESS
Internal MMRs
(memory mapped registers)
FFFF
↑
FF80
No
(Only EDB-0)
No
(Only data register
and EDB-0)
Yes
EDB
FF7F
↑
Only for
Only for
Yes
EDB
(end-point descriptors block)
↑
FF08
Only for
EDB update
Only for
EDB update
Yes
FF07
Setup packet
FF07
↑
Yes
No
Yes
Setu
acket
↑
FF00
Yes
No
Yes
FEFF
Input end-point-0 buffer
FEFF
↑
Yes
Yes
Yes
In ut end oint 0 buffer
↑
FEF8
Yes
Yes
Yes
FEF7
Output end-point-0 buffer
FEF7
↑
Yes
Yes
Yes
Out ut end oint 0 buffer
↑
FEF0
Yes
Yes
Yes
Data buffers
FEEF
↑
F800
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com