Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 33 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTC2000 Datasheet HTML 29Page - Analog Devices LTC2000 Datasheet HTML 30Page - Analog Devices LTC2000 Datasheet HTML 31Page - Analog Devices LTC2000 Datasheet HTML 32Page - Analog Devices LTC2000 Datasheet HTML 33Page - Analog Devices LTC2000 Datasheet HTML 34Page - Analog Devices LTC2000 Datasheet HTML 35Page - Analog Devices LTC2000 Datasheet HTML 36Page - Analog Devices LTC2000 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
LTC2000
33
2000fb
For more information www.linear.com/LTC2000
OPERATION
Measuring Internal Junction Temperature (TJ)
The LTC2000 test multiplexer may also be used to con-
nect internal junction temperature measurement diodes
to the TSTP/N pins. Ensure LMX_EN = 0 (register address
0x18) and use SPI register 0x19 to set TDIO_EN = 1 to
enable this function (Table 9). There are two methods the
user can choose from to measure internal junction tem-
perature (TJ). For TDIO_SEL = 0, an unbiased NPN tran-
sistor is diode-connected between the TSTP/N pins with
a series resistance of approximately 350Ω. This diode is
suitable for use with external temperature sensors which
offer series resistance cancellation such as the LTC2991
or LTC2997.
If such a temperature sensor is not available, set
TDIO_SEL = 1 to directly observe a temperature dependent
voltage between TSTP and TSTN. The typical expected
voltage at TSTP is VTSTP = 2.02V – 5.5mV/°C • (TJ – 25°C).
The junction temperature can be calculated as TJ = 25°C +
(2.02V – VTSTP)/(5.5mV/°C). For best accuracy with
TDIO_SEL = 1, use TSTN to sense GND at the bottom of
the diode and calibrate the voltage at a known tempera-
ture. Typical uncalibrated accuracy is ±5°C.
Pattern Generator
A 64 sample deep pattern generator is included in the
LTC2000 to simplify system development and debug. The
pattern generator allows the user to send a repeating 64
sample pattern to the DAC, completely independent of the
presence or absence of valid signals on DCKIP/N, DAP/N,
and DBP/N.
Table 9. Internal Junction Temperature SPI Registers
ADDRESS
BIT
NAME
DESCRIPTION
0x19
0
TDIO_EN
TSTP/N Junction Temperature Diode Enable. Set TDIO_EN = 1 to measure internal junction temperature (TJ) at TSTP/N.
Ensure LMX_EN = 0 when TDIO_EN = 1.
1
TDIO_SEL Selects which internal temperature diode is observable at TSTP/N.
For TDIO_SEL = 1, the typical voltage at TSTP with respect to TSTN is VTSTP = 2.02V – 5.5mV/°C • (TJ – 25°C).
Junction temperature can be calculated as TJ = 25°C + (2.02V – VTSTP)/(5.5mV/°C). Typical accuracy is ±5°C.
For TDIO_SEL = 0, an unbiased diode is connected b/w TSTP/N for use with external temperature sensors.
Note: Register 0x19 resets to 0x00 (default).
To use this feature, do the following:
1. Set DCKO_DIV = 0 in register 0x02, DATA_SP = 0 and
DATA_EN = 0 in register 0x04, and PGEN_EN = 0 in
register 0x1E.
2. Write 128 bytes of pattern data to address 0x1F
(PGEN_D) to fill the pattern generator with 64 sam-
ples. Data is written MSB first, and will be applied to
the DAC in the order written. Data may be written one
byte at a time or in larger multi-byte words. For the
LTC2000-14 and LTC2000-11, data should be left justi-
fied with zeros filling the remaining two (LTC2000-14)
or five (LTC2000-11) bits.
3. Set PGEN_EN = 1 to start the pattern generator.
4. Wait at least 1ms to ensure that the synchronizer has
initialized.
5. Set DATA_EN = 1 in register 0x04. The DAC will then
begin to output the 64 sample pattern.
The pattern generator will send the repeating 64 sample
pattern to the DAC until the user writes PGEN_EN = 0 or
DATA_EN = 0.
To read back the pattern, set DATA_EN = 0 and PGEN_EN =
0 and then read 128 bytes from address 0x1F. Note that the
starting point of the pattern may have changed while the
pattern was running. To modify the pattern, set DATA_EN =
0 and PGEN_EN = 0 and write a new 64 sample pattern to
address 0x1F. Ensure PGEN_EN = 0 when reading or writ-
ing to address 0x1F, and always read or write an entire 64
sample pattern prior to setting PGEN_EN = 1. See Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com