Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC2000 Datasheet HTML 8Page - Analog Devices LTC2000 Datasheet HTML 9Page - Analog Devices LTC2000 Datasheet HTML 10Page - Analog Devices LTC2000 Datasheet HTML 11Page - Analog Devices LTC2000 Datasheet HTML 12Page - Analog Devices LTC2000 Datasheet HTML 13Page - Analog Devices LTC2000 Datasheet HTML 14Page - Analog Devices LTC2000 Datasheet HTML 15Page - Analog Devices LTC2000 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
LTC2000
12
2000fb
For more information www.linear.com/LTC2000
Single Carrier DOCSIS Mid Band
Wideband ACLR, fDAC = 2.5Gsps
Single Carrier DOCSIS Mid Band
Narrowband ACLR, fDAC = 2.5Gsps
Single Carrier DOCSIS Low Band
Wideband ACLR, fDAC = 2.5Gsps
Single Carrier DOCSIS Low Band
Narrowband ACLR, fDAC = 2.5Gsps
TYPICAL PERFORMANCE CHARACTERISTICS I
OUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.8V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5Ω, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
FREQUENCY (MHz)
50
–60
–40
–20
850
2000 G28
–80
–100
–70
–50
–30
–90
–110
–120
250
450
650
150
350
550
750
950
–89.9dBm/6MHz
–87.3dBm/6MHz
–89.2dBm/6MHz
–11.2dBm/6MHz
RBW = 20kHz
VBW = 2kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
CARRIER POWER = –11.16dBm, CENTER FREQ = 200MHz
173
–60
–40
–20
213
2000 G31
–80
–100
–70
–50
–30
–90
–110
–120
183
193
203
223
RBW = 30kHz
VBW = 3kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 24s
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–100.31dBm
–96.02dBm
–96.47dBm
–96.40dBm
–96.40dBm
UPPER
–94.84dBm
–94.67dBm
–95.48dBm
–96.29dBm
–96.57dBm
FREQUENCY (MHz)
50
–60
–40
–20
850
2000 G29
–80
–100
–70
–50
–30
–90
–110
–120
250
450
650
150
350
550
750
950
–84.1dBm/6MHz
–11.7dBm/6MHz
RBW = 20kHz
VBW = 2kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
CARRIER POWER = –11.66dBm, CENTER FREQ = 550MHz
523
–60
–40
–20
563
2000 G32
–80
–100
–70
–50
–30
–90
–110
–120
533
543
553
573
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–95.63dBm
–93.01dBm
–94.66dBm
–95.19dBm
–94.97dBm
UPPER
–93.62dBm
–92.97dBm
–94.51dBm
–94.87dBm
–95.15dBm
RBW = 30kHz
VBW = 3kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 24s
Single Carrier DOCSIS High Band
Wideband ACLR, fDAC = 2.5Gsps
FREQUENCY (MHz)
50
–60
–40
–20
850
2000 G30
–80
–100
–70
–50
–30
–90
–110
–120
250
450
650
150
350
550
750
950
–89.2dBm/6MHz
–89.2dBm/6MHz
RBW = 20kHz
VBW = 2kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 60s
–89.4dBm/6MHz
–14dBm/6MHz
Single Carrier DOCSIS High Band
Narrowband ACLR, fDAC = 2.5Gsps
FREQUENCY (MHz)
CARRIER POWER = –14.04dBm, CENTER FREQ = 980MHz
953
–60
–40
–20
993
2000 G33
–80
–100
–70
–50
–30
–90
–110
–120
963
973
983
1003
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–89.47dBm
–87.24dBm
–93.04dBm
–93.52dBm
–93.33dBm
UPPER
–89.52dBm
–87.00dBm
–92.94dBm
–92.51dBm
–92.03dBm
RBW = 30kHz
VBW = 3kHz
REF = –20dBm
ATTEN = 5dB
SWEEP = 24s
LTC2000-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com