Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 1 Page - Analog Devices

  LTC2000 Datasheet HTML 1Page - Analog Devices LTC2000 Datasheet HTML 2Page - Analog Devices LTC2000 Datasheet HTML 3Page - Analog Devices LTC2000 Datasheet HTML 4Page - Analog Devices LTC2000 Datasheet HTML 5Page - Analog Devices LTC2000 Datasheet HTML 6Page - Analog Devices LTC2000 Datasheet HTML 7Page - Analog Devices LTC2000 Datasheet HTML 8Page - Analog Devices LTC2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
LTC2000
1
2000fb
For more information www.linear.com/LTC2000
BLOCK DIAGRAM
FEATURES
DESCRIPTION
16-/14-/11-Bit 2.5Gsps
DACs
The LTC®2000 is a family of 16-/14-/11-bit 2.5Gsps cur-
rent steering DACs with exceptional spectral purity.
The single (1.25Gsps mode) or dual (2.5Gsps mode) port
source synchronous LVDS interface supports data rates of
up to 1.25Gbps using a 625MHz DDR data clock, which
can be either in quadrature or in phase with the data. An
internal synchronizer automatically aligns the data with
the DAC sample clock.
Additional features such as pattern generation, LVDS loo-
pout and junction temperature sensing simplify system
development and testing.
A serial peripheral interface (SPI) port allows configura-
tion and read back of internal registers. Operating from
1.8V and 3.3V supplies, the LTC2000 consumes 2.2W at
2.5Gsps and 1.3W at 1.25Gsps.
APPLICATIONS
n
80dBc SFDR at 70MHz fOUT
n
>68dBc SFDR from DC to 1000MHz fOUT
n
40mA Nominal Full-Scale, ±1V Output Compliant
n
10mA to 60mA Adjustable Full-Scale Current Range
n
Single or Dual Port DDR LVDS and DHSTL Interface
n
Low Latency (7.5 Cycles for Single Port,
11 Cycles for Dual Port)
n
>78dBc 2-Tone IMD from DC to 1000MHz fOUT
n
–165dBc/Hz Additive Phase Noise at 1MHz Offset for
65MHz fOUT
n
170-Lead (9mm × 15mm) BGA Package
n
Broadband Communication Systems
n
DOCSIS CMTS
n
Direct RF Synthesis
n
Radar
n
Instrumentation
n
Automatic Test Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 8330633.
4:1
TSTP/N
PD
CS
SCK SDI
SDO
SVDD
50Ω
IOUTP
IOUTN
FSADJ
REFIO
50Ω
10k
2000 BD
CKP/N
GND
DVDD33
DVDD18
AVDD33
AVDD18
GAIN
ADJUST
CLOCK
SYNC
CLK
RECEIVER
DELAY
ADJUST
DCKOP/N
DCKIP/N
DBP/N[15:0]
DAP/N[15:0]
CLK DIVIDER
÷2 OR ÷4
REF
SPI
PATTERN
GENERATOR
JUNCTION
TEMPERATURE
16-BIT DAC
fOUT (MHz)
0
50
60
70
80
90
100
200
400
600
800
2000 TA01b
1000 1200
DIGITAL AMPLITUDE = 0dBFS
IOUTFS = 40mA
SFDR vs fOUT, fDAC = 2.5Gsps


Similar Part No. - LTC2000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
LTC2000 LINER-LTC2000 Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000A AD-LTC2000A Datasheet
1Mb / 54P
2.7Gsps DACs
12/17-REV.B
logo
Linear Technology
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
More results

Similar Description - LTC2000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
16-/14-/12-Bit VOUT DACs
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.5Gsps DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
16-/14-/11-Bit 2.7Gsps DACs
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
16-/14-/11-Bit 2.7Gsps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com