Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2000 Datasheet HTML 5Page - Analog Devices LTC2000 Datasheet HTML 6Page - Analog Devices LTC2000 Datasheet HTML 7Page - Analog Devices LTC2000 Datasheet HTML 8Page - Analog Devices LTC2000 Datasheet HTML 9Page - Analog Devices LTC2000 Datasheet HTML 10Page - Analog Devices LTC2000 Datasheet HTML 11Page - Analog Devices LTC2000 Datasheet HTML 12Page - Analog Devices LTC2000 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
LTC2000
9
2000fb
For more information www.linear.com/LTC2000
TYPICAL PERFORMANCE CHARACTERISTICS
DNL vs IOUTFS and Temperature
Offset Error vs Temperature
Gain Error vs Temperature
Reference Output Voltage
vs Temperature
Supply Current vs fDAC
Shutdown Current
vs Temperature
LTC2000-16 Integral
Nonlinearity (INL)
LTC2000-16 Differential
Nonlinearity (DNL)
INL vs IOUTFS and Temperature
IOUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.8V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5Ω, unless otherwise noted.
CODE
–32768
0
2
32768
2000 G01
–2
–4
–16384
0
16384
4
CODE
–32768
0
1
32768
2000 G02
–1
–2
–16384
0
16384
2
TEMPERATURE (°C)
–50
–6
–4
–2
0
2
6
–25
0
25
50
2000 G03
75
100
4
INL (POS)
INL (NEG)
10mA
20mA
40mA
60mA
TEMPERATURE (°C)
–50
–6
–4
–2
0
2
6
–25
0
25
50
2000 G04
75
100
4
DNL (POS)
DNL (NEG)
10mA
20mA
40mA
60mA
TEMPERATURE (°C)
–50
–1.0
–0.5
0
0.5
1.0
–25
0
25
50
2000 G06
75
100
TEMPERATURE (°C)
–50
1.240
1.245
1.250
1.255
1.260
–25
0
25
50
2000 G07
75
100
fDAC (MHz)
0
300
400
500
1500
2500
2000 G08
200
100
0
500
1000
2000
600
700
800
DVDD33
AVDD33
DVDD18
AVDD18
TEMPERATURE (°C)
–50
–0.06
–0.04
–0.02
0
0.02
0.06
–25
0
25
50
2000 G05
75
100
0.04
16 BIT
14 BIT
11 BIT
TEMPERATURE (°C)
–50
15
2000 G09
5
–5
0
50
–25
25
75
25
35
10
0
20
30
100
DVDD18
AVDD18
SVDD
AVDD33
DVDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com