Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC2000 Datasheet HTML 10Page - Analog Devices LTC2000 Datasheet HTML 11Page - Analog Devices LTC2000 Datasheet HTML 12Page - Analog Devices LTC2000 Datasheet HTML 13Page - Analog Devices LTC2000 Datasheet HTML 14Page - Analog Devices LTC2000 Datasheet HTML 15Page - Analog Devices LTC2000 Datasheet HTML 16Page - Analog Devices LTC2000 Datasheet HTML 17Page - Analog Devices LTC2000 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
LTC2000
14
2000fb
For more information www.linear.com/LTC2000
128 Carrier DOCSIS Low Band
Wideband ACLR, fDAC = 2.5Gsps
157 Carrier DOCSIS Gap Channel
Wideband ACLR, fDAC = 2.5Gsps
157 Carrier DOCSIS Gap Channel
Narrowband ACLR, fDAC = 2.5Gsps
157 Carrier Tones with Gap Channel
Wideband ACLR, fDAC = 2.5Gsps
157 Carrier Tones with Gap Channel
Narrowband ACLR, fDAC = 2.5Gsps
128 Carrier DOCSIS Low Band
Narrowband ACLR, fDAC = 2.5Gsps
FREQUENCY (MHz)
50
–60
–40
850
2000 G40
–80
–100
–70
–50
–30
–90
–110
–120
–130
250
450
650
150
350
550
750
950
RBW = 20kHz, VBW = 2kHz
REF = –30dBm, ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
CARRIER POWER = –37.59dBm, CENTER FREQ = 832MHz
805
–60
–40
845
2000 G43
–80
–100
–70
–50
–30
–90
–110
–120
–130
815
825
835
855
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–48.37dBm
–37.97dBm
–37.33dBm
–37.13dBm
–37.15dBm
UPPER
–103.39dBm
–95.72dBm
–95.55dBm
–96.33dBm
–95.91dBm
RBW = 30kHz
VBW = 3kHz
REF = –30dBm
ATTEN = 5dB
SWEEP = 24s
TYPICAL PERFORMANCE CHARACTERISTICS I
OUTFS = 40mA, TA = 25°C, AVDD18 = DVDD18 = 1.8V,
AVDD33 = DVDD33 = 3.3V, RLOAD = 12.5Ω, LIN_DIS = 0, LIN_ GN = 75% unless otherwise noted.
LTC2000-16
FREQUENCY (MHz)
30
–60
–40
830
2000 G41
–80
–100
–70
–50
–30
–90
–110
–120
–130
230
430
630
130
330
530
730
930
RBW = 20kHz, VBW = 2kHz
REF = –30dBm, ATTEN = 5dB
SWEEP = 60s
FREQUENCY (MHz)
30
–60
–40
830
2000 G42
–80
–100
–70
–50
–30
–90
–110
–120
–130
230
430
630
130
330
530
730
930
RBW = 20kHz, VBW = 2kHz, REF = –30dBm,
ATTEN = 5dB, SWEEP = 60s, LIN_DIS = 1
FREQUENCY (MHz)
GAP CHANNEL POWER = –96.45dBm, CENTER FREQ = 508MHz
481
–60
–40
521
2000 G44
–80
–100
–70
–50
–30
–90
–110
–120
–130
491
501
511
531
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
BW
750kHz
5.25MHz
6MHz
6MHz
6MHz
LOWER
–48.05dBm
–36.61dBm
–36.32dBm
–36.48dBm
–36.54dBm
UPPER
–47.93dBm
–36.50dBm
–36.27dBm
–36.45dBm
–36.57dBm
RBW = 30kHz, VBW = 3kHz
REF = –30dBm, ATTEN = 5dB
SWEEP = 24s
FREQUENCY (MHz)
510
–130
–120
–100
–90
–80
–30
–60
515
520
2000 G45
–110
–50
–40
–70
525
RBW = 30kHz, VBW = 3kHz
REF = –30dBm, ATTEN = 10dB
SWEEP = 24s, LIN_DIS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com