Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2000 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2000 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC2000 Datasheet HTML 13Page - Analog Devices LTC2000 Datasheet HTML 14Page - Analog Devices LTC2000 Datasheet HTML 15Page - Analog Devices LTC2000 Datasheet HTML 16Page - Analog Devices LTC2000 Datasheet HTML 17Page - Analog Devices LTC2000 Datasheet HTML 18Page - Analog Devices LTC2000 Datasheet HTML 19Page - Analog Devices LTC2000 Datasheet HTML 20Page - Analog Devices LTC2000 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
LTC2000
17
2000fb
For more information www.linear.com/LTC2000
PIN FUNCTIONS
AVDD18: 1.8V Analog Supply Voltage Input. 1.71V to
1.89V.
AVDD33: 3.3V Analog Supply Voltage Input. 3.135V to
3.465V.
CKP, CKN: DAC Sample Clock Inputs. Maximum clock
frequency (fDAC) is 2500MHz. Clock signal should be AC
coupled.
CS: Serial Interface Chip Select Input. When CS is low,
SCK is enabled for shifting data on SDI into the register.
When CS is taken high, SCK is disabled and SDO is high
impedance.
DAP[15:0], DAN[15:0]: Port A LVDS Data Inputs.
Maximum data rate is 1.25Gbps. Port A is used only in
dual-port mode. Connect to GND if not used. The data
input format is two’s complement.
DBP[15:0], DBN[15:0]: Port B LVDS Data Inputs.
Maximum data rate is 1.25Gbps. In single-port mode,
only Port B is used. In dual-port mode, the sample from
Port B appears at IOUTP/N one cycle after the sample from
Port A. The data input format is two’s complement.
DCKIP, DCKIN: LVDS Data Clock Inputs. Maximum fre-
quency (fDCKI) is 625MHz. In dual-port mode, fDCKI =
fDAC/4. In single-port mode, fDCKI = fDAC/2
DCKOP, DCKON: LVDS Data Clock Outputs. Maximum fre-
quency is 625MHz. Select frequency (fDAC/4 or fDAC/2),
output current (3.5mA or 7mA), and termination (none or
100Ω) using register 0x02.
DVDD18: 1.8V Digital Supply Voltage Input. 1.71V to 1.89V.
DVDD33: 3.3V Digital Supply Voltage Input. 3.135V to
3.465V.
FSADJ: Full-Scale Adjust Pin. The DAC full-scale current
is 16 • (VREFIO/RFSADJ). Connect a 500Ω resistor from
FSADJ to GND to set the full-scale current to 40mA.
GND: Ground.
IOUTP, IOUTN: DAC Analog Current Outputs. Differential
output is nominally ±40mA. Maximum update rate is
2.5Gsps. The output current is evenly divided between
IOUTP and IOUTN when the two’s compliment DAC code is
set to mid-scale (all zeros).
PD (Pin S1): Active Low Power-Down Input. When PD is
low, the LTC2000 supply current is less than 440µA. To
exit power-down mode switch PD high to SVDD.
REFIO: Reference Voltage Input or Output. The 1.25V
internal reference is available at the pin through a 10k
internal resistor. May be overdriven with an external refer-
ence voltage between 1.1V and 1.4V.
SCK: Serial Interface Clock Input. Maximum frequency
is 50MHz.
SDI: Serial Interface Data Input. Data on SDI is clocked
in on the rising edge of SCK.
SDO: Serial Interface Data Output. Data is clocked out
onto SDO by the falling edge of SCK. SDO is high imped-
ance when CS is high.
SVDD: SPI Supply Voltage Input. 1.71V to 3.465V.
TSTP, TSTN: Test Output Pins. May be optionally used
to measure internal temperature or timing of LVDS
inputs. See Measuring Internal Junction Temperature
and Measuring LVDS Input Timing Skew sections in
Applications Information. Use SPI internal registers 0x18
and 0x19 to control TSTP/N. Connect to GND if not used.
Note: For pin locations, refer to the Pin Locations section
of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com