Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXA531 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation IXA531 Datasheet HTML 10Page - IXYS Corporation IXA531 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
IXA531
Fig. (9) IXA531 Block Diagram
1
RST
600mA
Gate
Driver
Gate
600mA
Driver
Gate
600mA
Driver
Isolated High Side
Isolated High Side
Isolated High Side
HS3
HGO3
VCH3
HS2
HGO2
VCH2
HS1
HGO1
VCH1
iO2
h02
en2
lin1
en1
hin1
iO3
h03
lin3
en3
hin3
lin2
hin2
iO1
h01
VCL
VCL
VCL
VCL
VCL
VCL
VCH
VCL
600mA
Driver
Gate
HS
UVCC
Detect
In
Low to
High
Isolation
Out
Rst
VCH
VCL
600mA
Driver
Gate
HS
UVCC
Detect
In
In
Low to
High
Isolation
Out
Rst
VCL
CMOS
to VCL
Level Shift , &
Logic
Conduction
Anti-Cross
5V LOGIC
VCL
5V LOGIC
Level Shift , &
CMOS
to VCL
Logic
Conduction
Anti-Cross
VCH
VCL
600mA
Driver
Gate
HS
UVCC
Detect
In
In
Low to
High
Isolation
Out
Rst
VCL
5V LOGIC
Anti-Cross
Level Shift , &
to VCL CMOS
Logic
Conduction
Isolated High Side
Isolated High Side
Isolated High Side
HS3
HGO3
VCH3
HS2
HGO2
VCH2
HS1
HGO1
VCH1
iO2
h02
en2
lin1
en1
hin1
iO3
h03
lin3
en3
hin3
lin2
hin2
iO1
h01
VCL
VCL
VCL
VCL
VCL
VCL
VCH
VCL
600mA
Driver
Gate
HS
UVCC
Detect
In
Low to
High
Isolation
Out
Rst
VCH
VCL
600mA
Driver
Gate
HS
UVCC
Detect
In
Low to
High
Isolation
Out
Rst
VCL
CMOS
to VCL
Level Shift , &
Logic
Conduction
Anti-Cross
5V LOGIC
VCL
5V LOGIC
Level Shift , &
CMOS
to VCL
Logic
Conduction
Anti-Cross
VCH
VCL
600mA
Driver
Gate
HS
UVCC
Detect
In
In
Low to
High
Isolation
Out
Rst
VCL
5V LOGIC
Anti-Cross
Level Shift , &
to VCL CMOS
Logic
Conduction
HIN1
LIN1
HIN2
LIN2
HIN3
LIN3
EN
ITRP
FLT
DG
S
R
QB
Set
Dominant
Latch
+
-
N
N
VCL
OUT
UVCL
Detect
VCL
LGO1
LGO2
LGO3
In
In
In
In
In
In
Out
Out
Out
Low to High
Equalizer
Delay
Low to High
Delay
Equalizer
Low to High
Delay
Equalizer
LS
-
0.5 V
+
VCL
VCL
50K
VCL
VCL
50K
VCL
VCL
750K
750K
750K
750K
750K
750K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com