Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXA531 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 2 Page - IXYS Corporation

  IXA531 Datasheet HTML 1Page - IXYS Corporation IXA531 Datasheet HTML 2Page - IXYS Corporation IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
IXA531
SYMBOL
FUNCTION
DESCRIPTION
_______
HIN1,2,3
HS Input
High side Input signal, TTL or CMOS compatible; HGO1,2,3 out of phase
_______
LIN1,2,3
LS Input
Low side Input signal, TTL or CMOS compatible; LGO1,2,3 out of phase
EN
Enable
Chip enable. When driven high, both outputs go low.
DG
Ground
Logic Reference Ground
VCH1,2,3
Supply Voltage
High Side Power Supply
HGO1,2,3
Output
High side driver output
HS1,2,3
Return
High side voltage return
VCL
Supply Voltage
Low side and Logic fixed power supply. This power supply provides power for
all outputs. Voltage range is from 8.0 to 35V.
LGO1,2,3
Output
Low side driver output
LS
Low side return
Low side driver return
___
FLT
Fault
Indicates Low-Side under voltage or Over Current Trip
ITRP
Trip
Input for over current shutdown
RST
Delay after trip
Externally connected RC network decide FAULT CLEAR delay.
Fig. 1. Single Phase Application
Pin Description And Configuration
HIN2
HS2 HIN3 VCH3
HG03
LIN2 HG02 LGO2 LIN3 HS3
LGO3
DG
ITRP
RST
LIN1
VCL
HIN1
FLT
VCL
HIN1
LIN1
FLT
EN
EN
HS1
LGO1
LS
up to + 650 V
VCH1
HGO1
To
Load
VCH2
UVSEL
IXA531



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com