Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXA531 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXA531
Description  500mA 3-Phase Bridge Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXA531 Datasheet(HTML) 7 Page - IXYS Corporation

Back Button IXA531 Datasheet HTML 3Page - IXYS Corporation IXA531 Datasheet HTML 4Page - IXYS Corporation IXA531 Datasheet HTML 5Page - IXYS Corporation IXA531 Datasheet HTML 6Page - IXYS Corporation IXA531 Datasheet HTML 7Page - IXYS Corporation IXA531 Datasheet HTML 8Page - IXYS Corporation IXA531 Datasheet HTML 9Page - IXYS Corporation IXA531 Datasheet HTML 10Page - IXYS Corporation IXA531 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
IXA531
LO1,2,3
HO1,2,3
FLT
RST
ITRP
EN
HIN1,2,3
LIN1,2,3
HIN1,2,3
Fig. (5) Timing Diagram
50%
EN
EN
t
LO1,2,3
HO1,2,3
90%
Fig. (6) Enable Timing Waveforms
t
90%
f
toff
50%
PWMIN
50%
50%
OUT
90%
PWM
50%
t
on
t
r
10%
10%
LO1,2,3
HO1,2,3
LIN1,2,3
HIN1,2,3
HIN1,2,3
LIN1,2,3
Fig. 3. Timing Diagram
Fig. 4. ENABLE Timing Waveforms
Fig. 5. Switching Time Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com